Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC2250A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # TMC2250A
Description  Matrix Multiplier 12 x 10 bit, 50 MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2250A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  TMC2250A Datasheet HTML 1Page - Fairchild Semiconductor TMC2250A Datasheet HTML 2Page - Fairchild Semiconductor TMC2250A Datasheet HTML 3Page - Fairchild Semiconductor TMC2250A Datasheet HTML 4Page - Fairchild Semiconductor TMC2250A Datasheet HTML 5Page - Fairchild Semiconductor TMC2250A Datasheet HTML 6Page - Fairchild Semiconductor TMC2250A Datasheet HTML 7Page - Fairchild Semiconductor TMC2250A Datasheet HTML 8Page - Fairchild Semiconductor TMC2250A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TMC2250A
PRODUCT SPECIFICATION
REV. 1.0.2 10/25/00
3
Table 2. Bit Weightings for Input and Output Data Words
Note: A minus sign indicates a two’s complement sign bit.
Bit Weights
211
210
29
28
27
26
25
24
23
22
21
20 .2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 2-9
Inputs
All Modes
Data A, B, C
-I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0 .
Coefficients
KA, KB, KC
-K9 .K8 K7 K6 K5 K4 K3 K2 K1 K0
Modes 01,
10, 11 CASIN
-CI15 CI14 CI13 CI12 CI11 CI10 CI9 CI8 CI7 CI6 CI5 CI4 .CI3 CI2 CI1 CI0
Internal Sum
X20 X19 X18 X17 X16 X15 X14 X13 X12 X11 X10 X9 .X8 X7 X6 X5 X4 X3 X2 X1 X0
Outputs
Mode 00
X, Y, Z
-O11 O10 O9
O8
O7
O6 O5 O4 O3 O2 O1 O0 .
Modes 01,
10, 11
CASOUT
-
CO15
CO1
4
CO1
3
CO1
2
CO1
1
CO1
0
CO
9
CO
8
CO
7
CO
6
CO
5
CO4 .CO
3
CO
2
CO
1
CO
0


Similar Part No. - TMC2250A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C CADEKA-TMC2250AG1C Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C2 CADEKA-TMC2250AG1C2 Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AG1C3 CADEKA-TMC2250AG1C3 Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
TMC2250AH5C CADEKA-TMC2250AH5C Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
More results

Similar Description - TMC2250A

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
12 x 10-bit Matrix Multiplier
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
12-bit Cascadable Multiplier-Summer
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
Digital Mixer 12 x 12 Bit, 60 MHz
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734 AD-AD734 Datasheet
213Kb / 12P
10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD734 AD-AD734_15 Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com