Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8777101MCA Datasheet(PDF) 13 Page - Analog Devices

Part # 5962-8777101MCA
Description  Quad Low Offset, Low Power Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-8777101MCA Datasheet(HTML) 13 Page - Analog Devices

Back Button 5962-8777101MCA Datasheet HTML 8Page - Analog Devices 5962-8777101MCA Datasheet HTML 9Page - Analog Devices 5962-8777101MCA Datasheet HTML 10Page - Analog Devices 5962-8777101MCA Datasheet HTML 11Page - Analog Devices 5962-8777101MCA Datasheet HTML 12Page - Analog Devices 5962-8777101MCA Datasheet HTML 13Page - Analog Devices 5962-8777101MCA Datasheet HTML 14Page - Analog Devices 5962-8777101MCA Datasheet HTML 15Page - Analog Devices 5962-8777101MCA Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
OP400
Rev. H | Page 13 of 16
MULTIPLE OUTPUT TRACKING VOLTAGE
REFERENCE
Figure 34 shows a circuit that provides outputs of 10 V, 7.5 V, 5 V,
and 2.5 V for use as a system voltage reference. Maximum
output current from each reference is 5 mA with load regulation
under 25 µV/mA. Line regulation is better than 15 µV/V,
and output voltage drift is under 20 µV/°C. Output voltage
noise from 0.1 Hz to 10 Hz is typically 75 µV p-p from the
10 V output and proportionately less from the 7.5 V, 5 V, and
2.5 V outputs.
7.5V
10V
5V
2.5V
10kΩ
10kΩ
10kΩ
10kΩ
15V
22kΩ
10kΩ
1N4002
10kΩ
10kΩ
2μF
1μF
1μF
4
2
6
REF 43
2.5V
REFERENCE
1/4
OP400A
+
1/4
OP400A
+
1/4
OP400A
+
1/4
OP400A
+
Figure 34. Multiple Output Tracking Voltage Reference


Similar Part No. - 5962-8777101MCA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8777101MCA AD-5962-8777101MCA Datasheet
349Kb / 15P
Quad Low Offset, Low Power Operational Amplifier
Rev. I
More results

Similar Description - 5962-8777101MCA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-200 AD-OP-200 Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP-400 AD-OP-400 Datasheet
372Kb / 12P
QUAD LOW-OFFSET, LOW-POWER OPERATIONAL AMPLIFIER
OP400 AD-OP400 Datasheet
234Kb / 12P
Quad Low-Offset, Low-Power Operational Amplifier
REV. A
logo
Maxwell Technologies
OP400 MAXWELL-OP400 Datasheet
386Kb / 10P
Quad Low-Offset, Low-Power Operational Amplifier
logo
Analog Devices
OP400 AD-OP400_07 Datasheet
389Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_04 Datasheet
393Kb / 12P
Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP400ATC AD-OP400ATC Datasheet
340Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. H
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP400 AD-OP400_15 Datasheet
340Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com