Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8777101MCA Datasheet(PDF) 12 Page - Analog Devices

Part # 5962-8777101MCA
Description  Quad Low Offset, Low Power Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-8777101MCA Datasheet(HTML) 12 Page - Analog Devices

Back Button 5962-8777101MCA Datasheet HTML 8Page - Analog Devices 5962-8777101MCA Datasheet HTML 9Page - Analog Devices 5962-8777101MCA Datasheet HTML 10Page - Analog Devices 5962-8777101MCA Datasheet HTML 11Page - Analog Devices 5962-8777101MCA Datasheet HTML 12Page - Analog Devices 5962-8777101MCA Datasheet HTML 13Page - Analog Devices 5962-8777101MCA Datasheet HTML 14Page - Analog Devices 5962-8777101MCA Datasheet HTML 15Page - Analog Devices 5962-8777101MCA Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP400
Data Sheet
Rev. H | Page 12 of 16
BIPOLAR CURRENT TRANSMITTER
In the circuit of Figure 32, which is an extension of the standard
three op amp instrumentation amplifier, the output current is
proportional to the differential input voltage. Maximum output
current is ±5 mA, with voltage compliance equal to ±10 V when
using ±15 V supplies. Output impedance of the current
transmitter exceeds 3 MΩ, and linearity is better than 16 bits
with gain set for a full-scale input of ±100 µV.
DIFFERENTIAL OUTPUT INSTRUMENTATION
AMPLIFIER
The output voltage swing of a single-ended instrumentation
amplifier is limited by the supplies, normally at ±15 V, to
a maximum of 24 V p-p. The differential output instrumenta-
tion amplifier shown in Figure 33 can provide an output voltage
swing of 48 V p-p when operated with ±15 V supplies. The
extended output swing is due to the opposite polarity of the
outputs. Both outputs swing 24 V p-p, but with opposite
polarity, for a total output voltage swing of 48 V p-p. The reference
input can be used to set a common-mode output voltage over the
range ±10 V. The PSRR of the amplifier is less than 1 µV/V with
CMRR (G = 1000) better than 115 dB. Offset voltage drift is
typically 0.4 µV/°C over the military temperature range.
+
VOUT
IOUT
5mA
IOUT
VIN
50,000
200Ω
200Ω
RG
25kΩ
25kΩ
25kΩ
25kΩ
25kΩ
25kΩ
RG
1
VIN
1/4
OP400E
+
1/4
OP400E
+
1/4
OP400E
+
1/4
OP400E
+
Figure 32. Bipolar Current Transmitter
+
VOUT
VIN
RG
25kΩ
25kΩ
25kΩ
25kΩ
25kΩ
22pF
22pF
22pF
22pF
25kΩ
25kΩ
25kΩ
VOUT
VIN
=
50kΩ + RG
RG
REFERENCE
INPUT
1/4
OP400A
+
1/4
OP400A
+
1/4
OP400A
+
1/4
OP400A
+
Figure 33. Differential Output Instrumentation Amplifier


Similar Part No. - 5962-8777101MCA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8777101MCA AD-5962-8777101MCA Datasheet
349Kb / 15P
Quad Low Offset, Low Power Operational Amplifier
Rev. I
More results

Similar Description - 5962-8777101MCA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-200 AD-OP-200 Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP-400 AD-OP-400 Datasheet
372Kb / 12P
QUAD LOW-OFFSET, LOW-POWER OPERATIONAL AMPLIFIER
OP400 AD-OP400 Datasheet
234Kb / 12P
Quad Low-Offset, Low-Power Operational Amplifier
REV. A
logo
Maxwell Technologies
OP400 MAXWELL-OP400 Datasheet
386Kb / 10P
Quad Low-Offset, Low-Power Operational Amplifier
logo
Analog Devices
OP400 AD-OP400_07 Datasheet
389Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_04 Datasheet
393Kb / 12P
Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP400ATC AD-OP400ATC Datasheet
340Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. H
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP400 AD-OP400_15 Datasheet
340Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com