Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8777101MCA Datasheet(PDF) 10 Page - Analog Devices

Part # 5962-8777101MCA
Description  Quad Low Offset, Low Power Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-8777101MCA Datasheet(HTML) 10 Page - Analog Devices

Back Button 5962-8777101MCA Datasheet HTML 6Page - Analog Devices 5962-8777101MCA Datasheet HTML 7Page - Analog Devices 5962-8777101MCA Datasheet HTML 8Page - Analog Devices 5962-8777101MCA Datasheet HTML 9Page - Analog Devices 5962-8777101MCA Datasheet HTML 10Page - Analog Devices 5962-8777101MCA Datasheet HTML 11Page - Analog Devices 5962-8777101MCA Datasheet HTML 12Page - Analog Devices 5962-8777101MCA Datasheet HTML 13Page - Analog Devices 5962-8777101MCA Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP400
Data Sheet
Rev. H | Page 10 of 16
OUTPUT CURRENT (mA)
100
1k
10k
0.001
0.01
0.1
1
10
OP400
VSY = ±15V
TA = 25°C
VDD – V OH
VOL – V SS
20
Figure 28. Saturation Voltage vs. Output Current
100Ω
10kΩ
eOUT
TO SPECTRUM ANALYZER
1/4
OP400
+
1/4
OP400
+
1/4
OP400
+
1/4
OP400
+
eOUT
nV
Hz
(
) 2 × en
nV
Hz
(
) × 101
~
=
Figure 29. Noise Test Schematic
14
13
12
11
10
9
8
12
34
5
67
GND
+18V
–18V
+
+
4
1
3
2
V–
V+
Figure 30. Burn-In Circuit


Similar Part No. - 5962-8777101MCA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8777101MCA AD-5962-8777101MCA Datasheet
349Kb / 15P
Quad Low Offset, Low Power Operational Amplifier
Rev. I
More results

Similar Description - 5962-8777101MCA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP400ATC AD-OP400ATC Datasheet
340Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. H
OP-400 AD-OP-400 Datasheet
372Kb / 12P
QUAD LOW-OFFSET, LOW-POWER OPERATIONAL AMPLIFIER
OP400 AD-OP400_07 Datasheet
389Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP400 AD-OP400 Datasheet
234Kb / 12P
Quad Low-Offset, Low-Power Operational Amplifier
REV. A
logo
Maxwell Technologies
OP400 MAXWELL-OP400 Datasheet
386Kb / 10P
Quad Low-Offset, Low-Power Operational Amplifier
logo
Analog Devices
OP400 AD-OP400_15 Datasheet
340Kb / 16P
Quad Low Offset, Low Power Operational Amplifier
Rev. H
OP-200 AD-OP-200 Datasheet
602Kb / 10P
DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com