Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4583LEEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4583LEEE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4583LEEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4583LEEE Datasheet HTML 1Page - Maxim Integrated Products MAX4583LEEE Datasheet HTML 2Page - Maxim Integrated Products MAX4583LEEE Datasheet HTML 3Page - Maxim Integrated Products MAX4583LEEE Datasheet HTML 4Page - Maxim Integrated Products MAX4583LEEE Datasheet HTML 5Page - Maxim Integrated Products MAX4583LEEE Datasheet HTML 6Page - Maxim Integrated Products MAX4583LEEE Datasheet HTML 7Page - Maxim Integrated Products MAX4583LEEE Datasheet HTML 8Page - Maxim Integrated Products MAX4583LEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +12V
±5%, V_H = 2.0V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Voltages exceeding VCC or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to max-
imum current rating.
(All Voltages Referenced to GND, Unless Otherwise Noted.)
VCC .........................................................................-0.3V to +13V
Voltage At Any Pin (Note 1) ...........(GND - 0.3V) to (VCC + 0.3V)
Continuous Current into Any Terminal ..............................
±20mA
Peak Current X_, Y_ or Z_
(pulsed at 1ms, 10% duty cycle) ..................................
±40mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C)
16-Pin Narrow SO (derate 8.7mW/°C above +70°C) ...696mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
16-Pin Thin QFN (derate 16.9mW/°C above +70°C) .1349mW
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN
TYP
(NOTE 3)
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VX, VY, VZ
-40°C to +85°C
0
VCC
V
+25°C
50
80
Switch On-Resistance
RON
VCC = 11.4V; IX, IY, IZ = 1mA;
VX, VY, VZ = 10V
-40°C to +85°C
100
Ω
+25°C
1
4
Switch On-Resistance
Match Between Channels
ΔRON
VCC = 11.4V; IX, IY, IZ = 1mA;
VX, VY, VZ = 10V (Note 4)
-40°C to +85°C
5
Ω
+25°C
5
12
Switch On-Resistance
Flatness
RFLAT(ON)
VCC = 11.4V; IX, IY, IZ = 1mA;
VX_, VY_, VZ_ = 1.5V, 6V, 10V
(Note 5)
-40°C to +85°C
15
Ω
+25°C
-2
+2
X_, Y_, Z_ Off-Leakage
IX_(OFF),
IY_(OFF),
IZ_(OFF)
VCC = 12.6V;
VX_, VY_, VZ_ = 1V, 10V;
VX, VY, VZ = 10V, 1V (Note 6)
-40°C to +85°C
-10
+10
nA
+25°C
-2
+2
MAX4581L
-40°C to +85°C
-100
+100
+25°C
-2
+2
X, Y, Z Off-Leakage
IX(OFF),
IY(OFF),
IZ(OFF)
VCC = 12.6V;
VX_, VY_, VZ_ =
1V, 10V;
VX, VY, VZ = 10V,
1V (Note 6)
MAX4582L/
MAX4583L
-40°C to +85°C
-50
+50
nA
+25°C
-2
+2
MAX4581L
-40°C to +85°C
-100
+100
+25°C
-2
+2
X, Y, Z On-Leakage
IX(ON),
IY(ON),
IZ(ON)
VCC = 12.6V;
VX, VY, VZ = 10V,
1V (Note 6)
MAX4582L/
MAX4583L
-40°C to +85°C
-50
+50
nA


Similar Part No. - MAX4583LEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4583L MAXIM-MAX4583L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results

Similar Description - MAX4583LEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com