| Electronic Components Datasheet Search |
|
MPC8548ECVTATHB Datasheet(PDF) 144 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548ECVTATHB Datasheet(HTML) 144 Page - Freescale Semiconductor, Inc |
|
144 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9 144 Freescale Semiconductor System Design Information • SD_REF_CLK NOTE It is recommended to power down the unused lane through SRDSCR1[0:7] register (offset = 0xE_0F08) (this prevents the oscillations and holds the receiver output in a fixed state) that maps to SERDES lane 0 to lane 7 accordingly. Pins V28 and M26 must be tied to XVDD. Pins V27 and M25 must be tied to GND through a 300- resistor. 22.11 Guideline for PCI Interface Termination PCI termination if PCI 1 or PCI 2 is not used at all. Option 1 If PCI arbiter is enabled during POR: • All AD pins are driven to the stable states after POR. Therefore, all ADs pins can be floating. • All PCI control pins can be grouped together and tied to OVDD through a single 10-k resistor. • It is optional to disable PCI block through DEVDISR register after POR reset. Option 2 If PCI arbiter is disabled during POR: • All AD pins are in the input state. Therefore, all ADs pins need to be grouped together and tied to OVDD through a single (or multiple) 10-k resistor(s). • All PCI control pins can be grouped together and tied to OVDD through a single 10-k resistor. • It is optional to disable PCI block through DEVDISR register after POR reset. 22.12 Guideline for LBIU Termination If the LBIU parity pins are not used, the following is the termination recommendation: • For LDP[0:3]—tie them to ground or the power supply rail via a 4.7-k resistor. • For LPBSE—tie it to the power supply rail via a 4.7-k resistor (pull-up resistor). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |