Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1720IDD Datasheet(PDF) 22 Page - Linear Technology

Part # LT1720IDD
Description  UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1720IDD Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1720IDD Datasheet HTML 18Page - Linear Technology LT1720IDD Datasheet HTML 19Page - Linear Technology LT1720IDD Datasheet HTML 20Page - Linear Technology LT1720IDD Datasheet HTML 21Page - Linear Technology LT1720IDD Datasheet HTML 22Page - Linear Technology LT1720IDD Datasheet HTML 23Page - Linear Technology LT1720IDD Datasheet HTML 24Page - Linear Technology LT1720IDD Datasheet HTML 25Page - Linear Technology LT1720IDD Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT1720/LT1721
22
17201fc
The input waveform is presented to the diode bridge switch,
the output of which feeds the LT1227 wideband amplifier.
The LT1720 comparators, triggered by the sample com-
mand, generate phase-opposed outputs. These signals are
level shifted by the transistors, providing complementary
bipolar drive to switch the bridge. A skew compensation
trim ensures bridge-drive signal simultaneity within 1ns.
The AC balance corrects for parasitic capacitive bridge im-
balances. A DC balance adjustment trims bridge offset.
The trim sequence involves grounding the input via
50Ω and applying a 100kHz sample command. The
DC balance is adjusted for minimal bridge ON vs OFF
variation at the output. The skew compensation and AC
APPLICATIONS INFORMATION
balance adjustments are then optimized for minimum AC
disturbance in the output. Finally, unground the input and
the circuit is ready for use.
Voltage-Controlled Clock Skew Generator
It is sometimes necessary to generate pairs of identical
clock signals that are phase skewed in time. Further, it is
desirable to be able to set the amount of time skew via a
tuning voltage. Figure 18’s circuit does this by utilizing the
LT1720 to digitize phase information from a varactor-tuned
time domain bridge. A 0V to 2V control signal provides
±10ns of output skew. This circuit operates from a 2.7V
to 6V supply.
Figure 18. Voltage-Controlled Clock Skew
17201 F18
+
C2
1/2 LT1720
VCC
2.7V TO 6V
VCC
Q
Q
FIXED
OUTPUT
MV-209
VARACTOR
DIODE
2.5k
CLOCK
INPUT
2.5k
0.1μF
2.2μF
0.005μF
“SKEWED”
“FIXED”
10ns
TRIM
36pF
1.82M*
6.2M*
1.1M
100k
200pF
2k*
+
C1
1/2 LT1720
SKEWED
OUTPUT
INPUT
0V TO 2V ≈
10ns
SKEW
2.5k*
14k
2k
12pF
1M
1M
VCC
+
A1
LT1077
* 1% FILM RESISTOR
** SUMIDA CD43-100
POLYSTYRENE, 5%
= 1N4148
= 74HC04
LT1317
VIN
SW
47μF
L1**
VC
GND
FB
+


Similar Part No. - LT1720IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1720IS8 LINER-LT1720IS8 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results

Similar Description - LT1720IDD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH205 FAIRCHILD-KH205 Datasheet
125Kb / 7P
   Overdrive-Protected Wideband Op Amp
logo
Maxim Integrated Produc...
DS1481 MAXIM-DS1481 Datasheet
210Kb / 10P
   1-Wire Bus Master with Overdrive
061907
logo
National Semiconductor ...
CLC206 NSC-CLC206 Datasheet
362Kb / 6P
   Overdrive-Protected Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH206 CADEKA-KH206 Datasheet
415Kb / 5P
   Overdrive-Protected Wideband Op Amp
KH205 CADEKA-KH205 Datasheet
264Kb / 7P
   Overdrive-Protected Wideband Op Amp
logo
Fairchild Semiconductor
KH206 FAIRCHILD-KH206 Datasheet
350Kb / 5P
   Overdrive-Protected Wideband Op Amp
logo
Dallas Semiconductor
DS1481S DALLAS-DS1481S Datasheet
69Kb / 10P
   1-Wire Bus Master with Overdrive
logo
Maxim Integrated Produc...
MAX49140EVKIT MAXIM-MAX49140EVKIT Datasheet
385Kb / 5P
   Fast, 30ns Propagation Delay (10mV Overdrive)
319-100518; Rev 0; 4/20
logo
Dallas Semiconductor
DS1481 DALLAS-DS1481 Datasheet
69Kb / 10P
   1.Wire Bus Master with Overdrive
logo
DB Lectro Inc
PK-35A29EP-110Q DBLECTRO-PK-35A29EP-110Q Datasheet
313Kb / 2P
   95 at 30cm at Rated Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com