Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT7814-40DL Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT7814-40DL
Description  64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT7814-40DL Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ACT7814-40DL Datasheet HTML 3Page - Texas Instruments SN74ACT7814-40DL Datasheet HTML 4Page - Texas Instruments SN74ACT7814-40DL Datasheet HTML 5Page - Texas Instruments SN74ACT7814-40DL Datasheet HTML 6Page - Texas Instruments SN74ACT7814-40DL Datasheet HTML 7Page - Texas Instruments SN74ACT7814-40DL Datasheet HTML 8Page - Texas Instruments SN74ACT7814-40DL Datasheet HTML 9Page - Texas Instruments SN74ACT7814-40DL Datasheet HTML 10Page - Texas Instruments SN74ACT7814-40DL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SN74ACT7814
64
× 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS209C – APRIL 1992 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (see Figures 1 through 3)
’ACT7814-20
’ACT7814-25
’ACT7814-40
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
50
40
25
MHz
LDCK high or low
7
8
12
t
Pulse duration
UNCK high or low
7
8
12
ns
tw
Pulse duration
PEN low
7
8
12
ns
RESET low
10
10
12
D0–D17 before LDCK
5
5
5
tsu
Setup time
PEN before LDCK
5
5
5
ns
LDCK inactive before RESET high
5
6
6
D0–D17 after LDCK
0
0
0
th
Hold time
LDCK inactive after RESET high
5
6
6
ns
th
Hold time
PEN low after LDCK
3
3
3
ns
PEN high after LDCK
0
0
0
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
TO
’ACT7814-20
’ACT7814-25
’ACT7814-40
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
LDCK or UNCK
50
40
25
MHz
t d
LDCK
Any Q
9
20
9
22
9
24
ns
tpd
UNCK
Any Q
6
11.5
15
6
18
6
20
ns
tpd‡
UNCK
Any Q
10.5
ns
tPLH
LDCK
EMPTY
6
15
6
17
6
19
ns
UNCK
EMPTY
6
15
6
17
6
19
tPHL
RESET low
EMPTY
4
16
4
18
4
20
ns
PHL
LDCK
FULL
6
15
6
17
6
19
tPLH
UNCK
FULL
6
15
6
17
6
19
ns
tPLH
RESET low
FULL
4
18
4
20
4
22
ns
t d
LDCK
AF/AE
7
18
7
20
7
22
ns
tpd
UNCK
AF/AE
7
18
7
20
7
22
ns
tPLH
RESET low
AF/AE
2
10
2
12
2
14
ns
tPLH
LDCK
HF
5
18
5
20
5
22
ns
tPHL
UNCK
HF
7
18
7
20
7
22
ns
tPHL
RESET low
HF
3
12
3
14
3
16
ns
ten
OE
Any Q
2
9
2
10
2
11
ns
tdis
OE
Any Q
2
10
2
11
2
12
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This parameter is measured at CL = 30 pF (see Figure 4).
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per FIFO channel
Outputs enabled
CL = 50 pF,
f = 5 MHz
53
pF


Similar Part No. - SN74ACT7814-40DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814DL TI-SN74ACT7814DL Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ACT7814-40DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802 TI-SN74ACT7802 Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802 TI-SN74ACT7802_06 Datasheet
224Kb / 15P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820-20PN TI-SN74ABT7820-20PN Datasheet
253Kb / 18P
[Old version datasheet]   STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74ACT2708 FAIRCHILD-74ACT2708 Datasheet
95Kb / 13P
   64 x 9 First-In, First-Out Memory
logo
Texas Instruments
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com