Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7555 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # ICM7555
Description  General purpose CMOS timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ICM7555 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button ICM7555 Datasheet HTML 11Page - NXP Semiconductors ICM7555 Datasheet HTML 12Page - NXP Semiconductors ICM7555 Datasheet HTML 13Page - NXP Semiconductors ICM7555 Datasheet HTML 14Page - NXP Semiconductors ICM7555 Datasheet HTML 15Page - NXP Semiconductors ICM7555 Datasheet HTML 16Page - NXP Semiconductors ICM7555 Datasheet HTML 17Page - NXP Semiconductors ICM7555 Datasheet HTML 18Page - NXP Semiconductors ICM7555 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ICM7555_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 August 2009
15 of 22
NXP Semiconductors
ICM7555
General purpose CMOS timer
Fig 18. Package outline SOT97-1 (DIP8)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT97-1
99-12-27
03-02-13
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
M E
e 1
1.73
1.14
0.53
0.38
0.36
0.23
9.8
9.2
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
1.15
4.2
0.51
3.2
inches
0.068
0.045
0.021
0.015
0.014
0.009
1.07
0.89
0.042
0.035
0.39
0.36
0.26
0.24
0.14
0.12
0.01
0.1
0.3
0.32
0.31
0.39
0.33
0.045
0.17
0.02
0.13
b2
050G01
MO-001
SC-504-8
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
8
1
5
4
b
E
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
pin 1 index
DIP8: plastic dual in-line package; 8 leads (300 mil)
SOT97-1


Similar Part No. - ICM7555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ICM7555 PHILIPS-ICM7555 Datasheet
105Kb / 9P
General purpose CMOS timer
August 31, 1994
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555 Datasheet
218Kb / 11P
Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
ICM7555 INTERSIL-ICM7555 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICM7555 INTERSIL-ICM7555 Datasheet
4Mb / 162P
TIMERS COUNTERS AND DISPLAY DRIVERS
More results

Similar Description - ICM7555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ICM7555 PHILIPS-ICM7555 Datasheet
105Kb / 9P
General purpose CMOS timer
August 31, 1994
logo
Sanyo Semicon Device
LB8555D SANYO-LB8555D Datasheet
66Kb / 3P
General-Purpose Timer
LB8555M SANYO-LB8555M Datasheet
62Kb / 3P
General-Purpose Timer?
logo
Integral Corp.
ILC555 INTEGRAL-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
logo
KODENSHI_AUK CORP.
KKC555 KODENSHI-KKC555 Datasheet
263Kb / 5P
CMOS general purpose timer
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
logo
NXP Semiconductors
ICM7555 NXP-ICM7555 Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555_11 Datasheet
161Kb / 5P
CMOS general purpose timer
ILC555QDT IKSEMICON-ILC555QDT Datasheet
501Kb / 5P
CMOS general purpose timer
logo
First Silicon Co., Ltd
NE555 FS-NE555 Datasheet
363Kb / 5P
General purpose timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com