Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7555 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ICM7555
Description  General purpose CMOS timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ICM7555 Datasheet(HTML) 4 Page - NXP Semiconductors

  ICM7555 Datasheet HTML 1Page - NXP Semiconductors ICM7555 Datasheet HTML 2Page - NXP Semiconductors ICM7555 Datasheet HTML 3Page - NXP Semiconductors ICM7555 Datasheet HTML 4Page - NXP Semiconductors ICM7555 Datasheet HTML 5Page - NXP Semiconductors ICM7555 Datasheet HTML 6Page - NXP Semiconductors ICM7555 Datasheet HTML 7Page - NXP Semiconductors ICM7555 Datasheet HTML 8Page - NXP Semiconductors ICM7555 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ICM7555_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 August 2009
4 of 22
NXP Semiconductors
ICM7555
General purpose CMOS timer
8.
Limiting values
[1]
Due to the SCR structure inherent in the CMOS process used to fabricate these devices, connecting any terminal to a voltage greater
than VDD + 0.3 V or less than GND − 0.3 V may cause destructive latch-up. For this reason it is recommended that no inputs from
external sources not operating from the same power supply be applied to the device before its power supply is established. In multiple
systems, the supply of the ICM7555 must be turned on first.
[2]
Above 25
°C, derate at the following rates:
DIP8 package at 9.3 mW /
°C
SO8 package at 6.2 mW /
°C
[3]
Refer to Section 11.2 “Power supply considerations” section.
9.
Characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
18
V
VI
input voltage
TRIGGER
[1]
−0.3
VDD + 0.3
V
CONTROL_VOLTAGE
−0.3
VDD + 0.3
V
THRESHOLD
−0.3
VDD + 0.3
V
RESET
−0.3
VDD + 0.3
V
IO
output current
-
100
mA
P
power dissipation
Tamb =25 °C (still air)
[2][3]
DIP8 package
-
1160
mW
SO8 package
-
780
mW
Tstg
storage temperature
−65
+150
°C
Tsp
solder point temperature
soldering 60 s
-
300
°C
Table 5.
Characteristics
Tamb =25 °C unless otherwise specified.
Sym
bol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
Tmin ≤ Tamb ≤ Tmax
3
-
16
V
IDD
supply current[1]
VDD =Vmin
-
50
200
µA
VDD =Vmax
-
180
300
µA
Astable mode timing[2][3]
∆f/f
frequency stability
-
1.0
5.0
%
∆f/∆V frequency variation with voltage
-
0.1
3.0
%/V
∆f/∆T frequency variation with
temperature[4]
VDD = 5 V
-
50
-
ppm/
°C
VDD = 10 V
-
75
-
ppm/
°C
VDD = 15 V
-
100
-
ppm/
°C
VI
input voltage
TRIGGER: VDD = 5 V
0.29VDD
0.31VDD
0.34VDD
V
CONTROL_VOLTAGE: VDD = 5 V
0.62VDD
0.65VDD
0.67VDD
V
THRESHOLD: VDD = 5 V
0.63VDD
0.65VDD
0.67VDD
V
RESET: VDD =Vmin and Vmax
0.4VDD
0.7VDD
1.0VDD
V


Similar Part No. - ICM7555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ICM7555 PHILIPS-ICM7555 Datasheet
105Kb / 9P
General purpose CMOS timer
August 31, 1994
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555 Datasheet
218Kb / 11P
Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
ICM7555 INTERSIL-ICM7555 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICM7555 INTERSIL-ICM7555 Datasheet
4Mb / 162P
TIMERS COUNTERS AND DISPLAY DRIVERS
More results

Similar Description - ICM7555

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
ILC555 IKSEMICON-ILC555_11 Datasheet
161Kb / 5P
CMOS general purpose timer
logo
Integral Corp.
ILC555 INTEGRAL-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
logo
NXP Semiconductors
ICM7555 NXP-ICM7555 Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
ICM7555 PHILIPS-ICM7555 Datasheet
105Kb / 9P
General purpose CMOS timer
August 31, 1994
logo
KODENSHI_AUK CORP.
KKC555 KODENSHI-KKC555 Datasheet
263Kb / 5P
CMOS general purpose timer
logo
IK Semicon Co., Ltd
ILC555QDT IKSEMICON-ILC555QDT Datasheet
501Kb / 5P
CMOS general purpose timer
logo
Sanyo Semicon Device
LB8555D SANYO-LB8555D Datasheet
66Kb / 3P
General-Purpose Timer
logo
First Silicon Co., Ltd
NE555 FS-NE555 Datasheet
363Kb / 5P
General purpose timer
logo
Sanyo Semicon Device
LB8555M SANYO-LB8555M Datasheet
62Kb / 3P
General-Purpose Timer?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com