Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7555 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # ICM7555
Description  General purpose CMOS timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ICM7555 Datasheet(HTML) 3 Page - NXP Semiconductors

  ICM7555 Datasheet HTML 1Page - NXP Semiconductors ICM7555 Datasheet HTML 2Page - NXP Semiconductors ICM7555 Datasheet HTML 3Page - NXP Semiconductors ICM7555 Datasheet HTML 4Page - NXP Semiconductors ICM7555 Datasheet HTML 5Page - NXP Semiconductors ICM7555 Datasheet HTML 6Page - NXP Semiconductors ICM7555 Datasheet HTML 7Page - NXP Semiconductors ICM7555 Datasheet HTML 8Page - NXP Semiconductors ICM7555 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ICM7555_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 August 2009
3 of 22
NXP Semiconductors
ICM7555
General purpose CMOS timer
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
Refer to Figure 1 “Functional diagram”.
7.1 Function selection
[1]
RESET will dominate all other inputs; TRIGGER will dominate over THRESHOLD.
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for DIP8
VDD
DISCHARGE
THRESHOLD
CONTROL_VOLTAGE
GND
TRIGGER
OUTPUT
RESET
ICM7555CD
ICM7555ID
002aae400
1
2
3
4
6
5
8
7
ICM7555CN
ICM7555IN
GND
VDD
TRIGGER
DISCHARGE
OUTPUT
THRESHOLD
RESET
CONTROL_VOLTAGE
002aae401
1
2
3
4
6
5
8
7
Table 2.
Pin description
Symbol
Pin
Description
GND
1
supply ground
TRIGGER
2
start timer input; (active LOW)
OUTPUT
3
timer logic level output
RESET
4
timer inhibit input; (active LOW)
CONTROL_VOLTAGE
5
timing capacitor upper voltage sense input
THRESHOLD
6
timing capacitor lower voltage sense input
DISCHARGE
7
timing capacitor discharge output
VDD
8
supply voltage
Table 3.
Function selection
THRESHOLD voltage
TRIGGER voltage
RESET[1]
OUTPUT
Discharge switch
don’t care
don’t care
L
L
on
> 2
3 V+
> 1
3 V+
H
L
on
Vth < 23 V+
Vtrig > 13 V+
H
stable
stable
don’t care
< 1
3 V+
H
H
off


Similar Part No. - ICM7555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ICM7555 PHILIPS-ICM7555 Datasheet
105Kb / 9P
General purpose CMOS timer
August 31, 1994
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555 Datasheet
218Kb / 11P
Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
ICM7555 INTERSIL-ICM7555 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICM7555 INTERSIL-ICM7555 Datasheet
4Mb / 162P
TIMERS COUNTERS AND DISPLAY DRIVERS
More results

Similar Description - ICM7555

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
ILC555 IKSEMICON-ILC555_11 Datasheet
161Kb / 5P
CMOS general purpose timer
logo
Integral Corp.
ILC555 INTEGRAL-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
logo
NXP Semiconductors
ICM7555 NXP-ICM7555 Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
ICM7555 PHILIPS-ICM7555 Datasheet
105Kb / 9P
General purpose CMOS timer
August 31, 1994
logo
KODENSHI_AUK CORP.
KKC555 KODENSHI-KKC555 Datasheet
263Kb / 5P
CMOS general purpose timer
logo
IK Semicon Co., Ltd
ILC555QDT IKSEMICON-ILC555QDT Datasheet
501Kb / 5P
CMOS general purpose timer
logo
Sanyo Semicon Device
LB8555D SANYO-LB8555D Datasheet
66Kb / 3P
General-Purpose Timer
logo
First Silicon Co., Ltd
NE555 FS-NE555 Datasheet
363Kb / 5P
General purpose timer
logo
Sanyo Semicon Device
LB8555M SANYO-LB8555M Datasheet
62Kb / 3P
General-Purpose Timer?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com