Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF1404 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # IRF1404
Description  Advanced Process Technology Ultra Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF1404 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRF1404 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF1404 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF1404 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF1404 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF1404 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF1404 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF1404 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF1404 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF1404
Seventh Generation HEXFET® Power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance per
silicon area.
This benefit, combined with the fast
switching speed and ruggedized device design that
HEXFET power MOSFETs are well known for, provides
the designer with an extremely efficient and reliable
device for use in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts.
The low thermal
resistance and low package cost of the TO-220
contribute to its wide acceptance throughout the industry.
S
D
G
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
162
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
115
†
A
IDM
Pulsed Drain Current

650
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
519
mJ
IAR
Avalanche Current

95
A
EAR
Repetitive Avalanche Energy

20
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
-55 to + 175
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting Torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
VDSS = 40V
RDS(on) = 0.004Ω
ID = 162A
†
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Description
10/20/00
1
TO-220AB
www.kersemi.com


Similar Part No. - IRF1404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
logo
Inchange Semiconductor ...
IRF1404 ISC-IRF1404 Datasheet
139Kb / 2P
isc N-Channel Mosfet Transistor
logo
International Rectifier
IRF1404L IRF-IRF1404L Datasheet
306Kb / 10P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
logo
Kersemi Electronic Co.,...
IRF1404L KERSEMI-IRF1404L Datasheet
1Mb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF1404LPBF IRF-IRF1404LPBF Datasheet
329Kb / 12P
AUTOMOTIVE MOSFET
More results

Similar Description - IRF1404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9204PBF IRF-IRF9204PBF Datasheet
240Kb / 7P
Advanced Process Technology, Ultra Low On-Resistance
AUIRFS3004-7P IRF-AUIRFS3004-7P Datasheet
379Kb / 12P
Advanced Process Technology Ultra Low On-Resistance
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
Advanced Process Technology Ultra Low On-Resistance
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
Advanced Process Technology Ultra Low On-Resistance
IRFR3411PBF KERSEMI-IRFR3411PBF Datasheet
3Mb / 10P
Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
AUIRF1324WL IRF-AUIRF1324WL Datasheet
246Kb / 11P
Advanced Process Technology Ultra Low On-Resistance
AUIRFR1018E IRF-AUIRFR1018E Datasheet
239Kb / 12P
Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com