Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6222D251MR-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6222D251MR-G
Description  Reverse Current Protection, 700mA High Speed LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6222D251MR-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6222D251MR-G Datasheet HTML 1Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 2Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 3Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 4Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 5Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 6Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 7Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 8Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
XC6222 Series
Reverse Current Protection, 700mA High Speed LDO Regulator
GENERAL DESCRIPTION
The XC6222 series is a highly accurate, low noise, high ripple rejection, low dropout, and low power consumption high speed
CMOS voltage regulator. The series consists of a voltage reference, an error amplifier, a driver transistor, a current limiter, a
thermal protection circuit, a reverse current protection circuit and a phase compensation circuit.
The CE function enables the entire circuit to be placed in a stand-by state by inputting a low level signal to the CE pin. In this
stand-by mode, the electric charge at the output capacitor (CL) will be discharged by the internal auto-discharge switch, and as
a result the VOUT pin will quickly return to the VSS level.
Over-current protection and thermal protection circuits are integrated. The protection circuit starts to operate when either output
current reaches the current limit level or junction temperature reaches the temperature limit. With the reverse current
protection function, the reverse current flow is prohibited when VOUT voltage is higher than VIN voltage.
The protection diode of IC is not necessary.
TYPICAL APPLICATION CIRCUIT
ETR0344-004
APPLICATIONS
USB Products
CD/DVD/HDD drives
Mobile phones
Portable game consoles
Camera modules
Electronic dictionaries
*CL: 2.2μF or higher (VOUT=2.5~5.0V)
4.7μF or higher (VOUT=2.1~2.45V)
6.8μF or higher (VOUT=0.8~2.05V)
FEATURES
Dropout Voltage
: 120mV @IOUT=300mA(VOUT=3.0V)
Operating Voltage Range
: 1.7V ~ 6.0V
Output Voltages
: 0.8V~5.0V (0.05V increments)
Accuracy
: +1% (VOUT>2.0V)
+0.02V (VOUT≦2.0V)
Low Power Consumption
: 100μA (VOUT=3.0V)
Stand-by Current
: Less than 0.1μA
High Ripple Rejection
: 65dB @ 1kHz
Operating Temperature
: -40℃~+85℃
Low ESR Capacitor
Environmentally Friendly
: Ceramic capacitor
: EU RoHS Compliant, Pb Free
Packages
: USP-6C, SOT-25, SOT-89-5
Environmentally Friendly
: EU RoHS Compliant, Pb Free
  ●負荷過渡応答特性例
XC6222x151
1.1
1.2
1.3
1.4
1.5
1.6
Time:100μs/div
0
200
400
600
800
1000
tr=tf=5μs,VIN=2.5V, Ta=25℃
VOUT=10→300mA, CIN=1.0μF(ceramic), CL=6.8μF(ceramic)
Output Current
Output Voltage
TYPICAL PERFORMANCE
CHARACTERISTICS
Load Transient Response


Similar Part No. - XC6222D251MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222D281ER-G TOREX-XC6222D281ER-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D281MR-G TOREX-XC6222D281MR-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D281PR-G TOREX-XC6222D281PR-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D28BER-G TOREX-XC6222D28BER-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D28BMR-G TOREX-XC6222D28BMR-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
More results

Similar Description - XC6222D251MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
700mA High Speed LDO Regulator with Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
700mA High Speed Dual LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
300mA LDO REGULATOR with the Reverse Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com