Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6222D251MR-G Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6222D251MR-G
Description  Reverse Current Protection, 700mA High Speed LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6222D251MR-G Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6222D251MR-G Datasheet HTML 3Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 4Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 5Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 6Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 7Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 8Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 9Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 10Page - Torex Semiconductor XC6222D251MR-G Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/26
XC6222
Series
SYMBOL
E-0
E-1
E-2
NOMINAL
OUTPUT
VOLTAGE
(V)
OUTPUT VOLTAGE
(V)
LOAD REGULATION
(mV)
DROPOUT VOLTAGE
(mV)
VOUT(E)
ΔVOUT
Vdif
VOUT(T)
MIN.
MAX.
TYP.
MIN.
MAX.
3.00
2.9700
3.0300
43
85
120
200
3.05
3.0195
3.0805
43
85
120
200
3.10
3.0690
3.1310
43
85
120
200
3.15
3.1185
3.1815
43
85
120
200
3.20
3.1680
3.2320
43
85
120
200
3.25
3.2175
3.2825
43
85
120
200
3.30
3.2670
3.3330
43
85
120
200
3.35
3.3165
3.3835
43
85
120
200
3.40
3.3660
3.4340
43
85
120
200
3.45
3.4155
3.4845
43
85
120
200
3.50
3.4650
3.5350
43
85
120
200
3.55
3.5145
3.5855
43
85
120
200
3.60
3.5640
3.6360
43
85
120
200
3.65
3.6135
3.6865
43
85
120
200
3.70
3.6630
3.7370
43
85
120
200
3.75
3.7125
3.7875
43
85
120
200
3.80
3.7620
3.8380
43
85
120
200
3.85
3.8115
3.8885
43
85
120
200
3.90
3.8610
3.9390
43
85
120
200
3.95
3.9105
3.9895
43
85
120
200
4.00
3.9600
4.0400
43
85
120
200
4.05
4.0095
4.0905
50
100
120
200
4.10
4.0590
4.1410
50
100
120
200
4.15
4.1085
4.1915
50
100
120
200
4.20
4.1580
4.2420
50
100
120
200
4.25
4.2075
4.2925
50
100
120
200
4.30
4.2570
4.3430
50
100
120
200
4.35
4.3065
4.3935
50
100
120
200
4.40
4.3560
4.4440
50
100
120
200
4.45
4.4055
4.4945
50
100
120
200
4.50
4.4550
4.5450
50
100
120
200
4.55
4.5045
4.5955
50
100
120
200
4.60
4.5540
4.6460
50
100
120
200
4.65
4.6035
4.6965
50
100
120
200
4.70
4.6530
4.7470
50
100
120
200
4.75
4.7025
4.7975
50
100
120
200
4.80
4.7520
4.8480
50
100
120
200
4.85
4.8015
4.8985
50
100
120
200
4.90
4.8510
4.9490
50
100
120
200
4.95
4.9005
4.9995
50
100
120
200
5.00
4.9500
5.0500
50
100
120
200
OUTPUT VOLTAGE CHART (Continued)
Voltage Chart 2


Similar Part No. - XC6222D251MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222D281ER-G TOREX-XC6222D281ER-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D281MR-G TOREX-XC6222D281MR-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D281PR-G TOREX-XC6222D281PR-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D28BER-G TOREX-XC6222D28BER-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222D28BMR-G TOREX-XC6222D28BMR-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
More results

Similar Description - XC6222D251MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
700mA High Speed LDO Regulator with Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
700mA High Speed Dual LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
300mA LDO REGULATOR with the Reverse Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com