Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

489D686X06R3D1A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 489D686X06R3D1A
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D686X06R3D1A Datasheet(HTML) 4 Page - Vishay Siliconix

  489D686X06R3D1A Datasheet HTML 1Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 2Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 3Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 4Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 5Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 6Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 7Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 8Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 42070
For technical questions, contact: eurotant@vishay.com
www.vishay.com
Revision: 12-Jun-06
4
489D, 499D
Resin-Coated, Radial-Lead
Solid Tantalum Capacitors
Vishay Sprague
STANDARD RATINGS
CR (µF)
CASE CODE
TYPE
PART NUMBER
489D
MAX. DCL
AT + 25 °C
(µA)
499D
MAX. DCL
AT + 25 °C
(µA)
489D, 499D
MAX. DF, 100 Hz
AT + 25 °C
(%)
UR = 16 VOLT AT + 85 °C, SURGE = 20 V
UC = 10 V AT + 125 °C, SURGE = 13 V (ONLY 499D)
2.2
A
489D225X(*)016A_ _
1.0
0.5
6
3.3
B
489D335X(*)016B_ _
1.0
0.5
6
4.7
B
489D475X(*)016B_ _
1.1
0.6
6
6.8
C
489D685X(*)016C_ _
1.6
0.8
6
10.0
C
489D106X(*)016C_ _
2.4
1.2
8
15.0
D
489D156X(*)016D_ _
3.6
1.9
8
22.0
D
489D226X(*)016D_ _
5.2
2.8
8
33.0
E
489D336X(*)016E_ _
7.9
4.2
8
47.0
F
489D476X(*)016F_ _
11.2
6.0
8
68.0
M
489D686X(*)016M_ _
16.3
8.7
8
100.0
N
489D107X(*)016N_ _
24.0
12.8
10
150.0
N
489D157X(*)016N_ _
36.0
19.2
10
220.0
R
489D227X(*)016R_ _
52.8
28.1
10
UR = 20 VOLT AT + 85 °C, SURGE = 26 V
UC = 13 V AT + 125 °C, SURGE = 16 V (ONLY 499D)
1.5
A
489D155X(*)020A_ _
1.0
0.5
4
2.2
B
489D225X(*)020B_ _
1.0
0.5
6
3.3
C
489D335X(*)020C_ _
1.0
0.5
6
4.7
C
489D475X(*)020C_ _
1.4
0.7
6
6.8
D
489D685X(*)020D_ _
2.0
1.0
6
10.0
D
489D106X(*)020D_ _
3.0
1.6
8
15.0
E
489D156X(*)020E_ _
4.5
2.4
8
22.0
F
489D226X(*)020F_ _
6.6
3.5
8
33.0
H
489D336X(*)020H_ _
9.9
5.2
8
47.0
M
489D476X(*)020M_ _
14.1
7.5
8
68.0
N
489D686X(*)020N_ _
20.4
10.8
8
100.0
N
489D107X(*)020N_ _
30.0
16.0
10
UR = 25 VOLT AT + 85 °C, SURGE = 32 V
UC = 17 V AT + 125 °C, SURGE = 21 V (ONLY 499D)
1.0
A
489D105X(*)025A_ _
1.0
0.5
4
1.5
B
489D155X(*)025B_ _
1.0
0.5
4
2.2
B
489D225X(*)025B_ _
1.0
0.5
6
3.3
C
489D335X(*)025C_ _
1.2
0.6
6
4.7
C
489D475X(*)025C_ _
1.7
0.9
6
6.8
D
489D685X(*)025D_ _
2.5
1.3
6
10.0
D
489D106X(*)025D_ _
3.7
2.0
8
15.0
E
489D156X(*)025E_ _
5.6
3.0
8
22.0
H
489D226X(*)025H_ _
8.2
4.4
8
33.0
M
489D336X(*)025M_ _
12.3
6.6
8
47.0
M
489D476X(*)025M_ _
17.6
9.4
8
68.0
N
489D686X(*)025N_ _
25.5
13.6
8
489D Type part number 489D, 499D
(*) Insert 0 for ± 20 % tolerance or 9 for ± 10 %
_ _ Case code/lead style see case code table


Similar Part No. - 489D686X06R3D1A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D686X06R3D1AE3 VISHAY-489D686X06R3D1AE3 Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 04-Aug-2020
More results

Similar Description - 489D686X06R3D1A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 04-Aug-2020
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com