Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8534IPWRG4 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8534IPWRG4
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8534IPWRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC8534IPWRG4 Datasheet HTML 13Page - Texas Instruments DAC8534IPWRG4 Datasheet HTML 14Page - Texas Instruments DAC8534IPWRG4 Datasheet HTML 15Page - Texas Instruments DAC8534IPWRG4 Datasheet HTML 16Page - Texas Instruments DAC8534IPWRG4 Datasheet HTML 17Page - Texas Instruments DAC8534IPWRG4 Datasheet HTML 18Page - Texas Instruments DAC8534IPWRG4 Datasheet HTML 19Page - Texas Instruments DAC8534IPWRG4 Datasheet HTML 20Page - Texas Instruments DAC8534IPWRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
DAC8534
SBAS254D
www.ti.com
FIGURE 11. Bipolar Operation with the DAC8534.
DAC8534
(Other pins omitted for clarity.)
AV
DD, VREF
V
OUTX
R
1
10k
R
2
10k
+5V
10
µF
0.1
µF
-
5V
±5V
+5V
OPA703
FIGURE 10. REF02 as a Power Supply to the DAC8534.
REF02
DAC8534
3-Wire
Serial
Interface
+5V
AV
DD, VREF
V
OUT = 0V to 5V
SYNC
SCLK
D
IN
+15
AI
DD + IREF
scale change on the neighboring channel is typically less than
0.5LSBs. The AC crosstalk measured (for a full-scale, 1kHz
sine wave output generated at one channel, and measured at
the remaining output channel) is typically under –100dB.
In addition, the DAC8534 can achieve typical AC perfor-
mance of 96dB SNR (Signal-to-Noise Ratio) and 65dB THD
(Total Harmonic Distortion), making the DAC8534 a solid
choice for applications requiring high SNR at output frequen-
cies at or below 4kHz.
OUTPUT VOLTAGE STABILITY
The DAC8534 exhibits excellent temperature stability of
5ppm/
°C typical output voltage drift over the specified tem-
perature range of the device. This enables the output voltage
of each channel to stay within a
±25µV window for a ±1°C
ambient temperature change.
Good Power-Supply Rejection Ratio (PSRR) performance
reduces supply noise present on AVDD from appearing at the
outputs to well below 10
µV-s. Combined with good DC noise
performance and true 16-bit differential linearity, the DAC8534
becomes a perfect choice for closed-loop control applica-
tions.
SETTLING TIME AND OUTPUT
GLITCH PERFORMANCE
Settling time to within the 16-bit accurate range of the
DAC8534 is achievable within 10
µs for a full-scale code
change at the input. Worst-case settling times between
consecutive code changes is typically less than 2
µs, en-
abling update rates up to 500ksps for digital input signals
changing code-to-code. The high-speed serial interface of
the DAC8534 is designed in order to support these high
update rates.
For full-scale output swings, the output stage of each
DAC8534 channel typically exhibits less than 100mV of
overshoot and undershoot when driving a 200pF capacitive
load. Code-to-code change glitches are extremely low given
that the code-to-code transition does not cross an Nx4096
code boundary. Due to internal segmentation of the
DAC8534, code-to-code glitches occur at each crossing of
an Nx4096 code boundary. These glitches can approach
100nVs for N = 15, but settle out within ~2
µs.
USING THE REF02 AS A POWER SUPPLY FOR
THE DAC8534
Due to the extremely low supply current required by the
DAC8534, a possible configuration is to use a REF02 +5V
precision voltage reference to supply the required voltage to
the DAC8534's supply input as well as the reference input, as
shown in Figure 10. This is especially useful if the power
supply is quite noisy or if the system supply voltages are at
some value other than 5V. The REF02 will output a steady
supply voltage for the DAC8534. If the REF02 is used, the
current it needs to supply to the DAC8534 is 1.085mA typical
and 1.78mA max for AVDD = 5V. When a DAC output is
loaded, the REF02 also needs to supply the current to the
load. The total typical current required (with a 5k
Ω load on a
given DAC output) is:
1.085mA + (5V/ 5k
Ω) = 2.085mA
BIPOLAR OPERATION USING THE DAC8534
The DAC8534 has been designed for single-supply opera-
tion, but a bipolar output range is also possible using the
circuit in Figure 11. The circuit shown will give an output
voltage range of
±V
REF. Rail-to-rail operation at the amplifier
output is achievable using an amplifier such as the OPA703,
as shown in Figure 11.


Similar Part No. - DAC8534IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8534IPWR TI-DAC8534IPWR Datasheet
362Kb / 20P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8534IPWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
DAC8532 BURR-BROWN-DAC8532 Datasheet
402Kb / 17P
Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8534 TI-DAC8534 Datasheet
362Kb / 20P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8532IDGKG4 TI1-DAC8532IDGKG4 Datasheet
826Kb / 23P
Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKG4 TI-DAC8532IDGKG4 Datasheet
812Kb / 23P
Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532 TI-DAC8532_15 Datasheet
1Mb / 27P
DAC8532 Dual Channel, 16-Bit, Low Power, Serial Input Digital-To-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com