Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13742F01A200 Datasheet(PDF) 2 Page - EPCOS

Part # S1D13742F01A200
Description  S1D13742 Mobile Graphics Engine
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S1D13742F01A200 Datasheet(HTML) 2 Page - EPCOS

  S1D13742F01A200 Datasheet HTML 1Page - EPCOS S1D13742F01A200 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Revision 3.01
X63A-C-001-03
2
GRAPHICS
S1D13742
DESCRIPTION
Integrated Frame Buffer
Embedded 768K byte SRAM display buffer.
CPU Interface
8/16-bit Intel 80 interface (used for display or register
data).
Chip select is used to select device. When inactive, any
input data/command will be ignored.
Panel Support
Active Matrix TFT interface.
18/36-bit interface.
Supports resolutions up to 800x480.
Miscellaneous
Internal programmable PLL.
Single MHz clock input: CLKI.
CLKI available as CLKOUT (separate CLKOUTEN pin
associated with output).
Hardware / Software Power Save mode.
Input pin to Enable/Disable Power Save Mode.
General Purpose Input/Output pins are available
(GPIO[7:0]).
COREVDD 1.5 volts and IOVDD 1.65 ~ 3.6 volts
FCBGA 121-pin or QFP20 144-pin package
Digital Video
RGB: 8:8:8, 6:6:6, 5:6:5 (8:8:8 will be truncated to 16 or 18
bpp).
YUV 4:2:2, 4:2:0 (Internal YUV to RGB Converter stored as
16 or 18 bpp).
Display Features
16/18 bit-per-pixel (bpp) color depths.
16 bpp to 18 bpp Input Data conversion.
All display writes are handled by window apertures/position
for complete or partial display updates. All window coordi-
nates are referenced to top left corner of the displayed image
(even in a rotated display, the top-left corner is maintained
and no host side translation need take place).
SwivelView™: 90°, 180°, 270° counter-clockwise hardware
rotation of display image. All displayed windows can have
independent rotation. No additional programming necessary
when enabling these modes.
Double-Buffer available to prevent image tearing during
streaming input. Resolutions supported must fit inside 384K
bytes (½ of total available display buffer). Typical resolution of
352x416.
Pixel Doubling: Horizontal and Vertical averaging for smooth
doubling of a single window.
Pixel Halving: no limitation on number of windows.
CONTACT YOUR SALES REPRESENTATIVE FOR THESE COMPREHENSIVE DESIGN TOOLS
• S1D13742 Technical
Documentation
• CPU Independent
Software Utilities
• S1D13742 Evaluation
Boards
• Royalty Free source level
driver code
©SEIKO EPSON CORPORATION 2005 - 2007. All rights reserved.
Information in this document is subject to change without notice. You may download and use this document, but only for your own use in evaluating Seiko Epson/EPSON products. You
may not modify the document. Epson Research and Development, Inc. disclaims any representation that the contents of this document are accurate or current. The Programs/Technologies
described in this document may contain material protected under U.S. and/or International Patent laws.
EPSON is a registered trademark of Seiko Epson Corporation. All other trademarks are the property of their respective owners.
Hong Kong
Epson Hong Kong Ltd.
20/F., Harbour Centre
25 Harbour Road
Wanchai, Hong Kong
Tel: 2585-4600
Fax: 2827-4346
http://www.epson.com.hk/
Singapore
Epson Singapore Pte Ltd
1 HarbourFront Place #03-02
HarbourFront Tower One
Singapore, 098633
Tel: (65) 6586-5500
Fax: (65) 6271-3182
http://www.epson.com.sg/
Europe
Epson Europe Electronics GmbH
Riesstrasse 15
80992 Munich, Germany
Tel: 089-14005-0
Fax: 089-14005-110
http://www.epson-electronics.de/
Japan
Seiko Epson Corporation
IC International Sales Group
421-8, Hino, Hino-shi
Tokyo 191-8501, Japan
Tel: 042-587-5812
Fax: 042-587-5564
http://www.epson.co.jp/
Taiwan
Epson Taiwan Technology & Trading Ltd.
14F, No. 7
Song Ren Road
Taipei 110
Tel: 02-8786-6688
Fax: 02-8786-6677
http://www.epson.com.tw/
North America
Epson Electronics America, Inc.
2580 Orchard Parkway
San Jose, CA 95131, USA
Tel: (408) 922-0200
Fax: (408) 922-0238
http://www.eea.epson.com/


Similar Part No. - S1D13742F01A200

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
logo
EPCOS
S1D13700F02A100 EPCOS-S1D13700F02A100 Datasheet
576Kb / 134P
   Hardware Functional Specification
logo
Epson Company
S1D13704F00A EPSON-S1D13704F00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13705F00A EPSON-S1D13705F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13742F01A200

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13719 EPSON-S1D13719 Datasheet
157Kb / 2P
   S1D13719 Mobile Graphics Engine
logo
List of Unclassifed Man...
UVGA-II(GFX) ETC2-UVGA-II(GFX) Datasheet
1Mb / 21P
   VGA Graphics Engine
UVGA-II(SGC) ETC2-UVGA-II(SGC) Datasheet
1Mb / 20P
   Serial VGA Graphics Engine
UVGA-III ETC2-UVGA-III Datasheet
2Mb / 19P
   VGA Graphics Engine-PACASO
logo
NXP Semiconductors
SAA6721E PHILIPS-SAA6721E Datasheet
360Kb / 72P
   SXGA RGB to TFT graphics engine
1999 May 11
SAA6712E PHILIPS-SAA6712E Datasheet
228Kb / 64P
   XGA RGB to TFT graphics engine
1999 Aug 25
logo
Cirrus Logic
CL-GD546X CIRRUS-CL-GD546X Datasheet
108Kb / 3P
   64-Bit Graphics Engine with Integrated 3D Game Acceleration(CL-GD5464)
logo
List of Unclassifed Man...
CATALYSTLP ETC2-CATALYSTLP Datasheet
450Kb / 3P
   Dual core for high-speed applications 400MHz graphics engine High bandwidth I/O
logo
Texas Instruments
TMS34020A TI-TMS34020A Datasheet
1Mb / 82P
[Old version datasheet]   GRAPHICS PROCESSORS
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com