Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13742F01A200 Datasheet(PDF) 1 Page - EPCOS

Part # S1D13742F01A200
Description  S1D13742 Mobile Graphics Engine
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S1D13742F01A200 Datasheet(HTML) 1 Page - EPCOS

  S1D13742F01A200 Datasheet HTML 1Page - EPCOS S1D13742F01A200 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
X63A-C-001-03
1
Revision 3.01
GRAPHICS
S1D13742
S1D13742 Mobile Graphics Engine
August 2007
The S1D13742 is a color LCD graphics controller with an embedded 768K byte display buffer. The S1D13742
supports a 8/16-bit Intel 80 CPU architecture while providing high performance bandwidth into display memory
allowing for fast screen updates.
Products requiring a rotated display image can take advantage of the SwivelView™ feature which provides
hardware rotation of the display memory transparent to the software application. Resolutions supported include
800x480 single buffered and 352x416 double buffered.
The S1D13742 uses a double-buffer architecture to prevent any visual tearing during streaming video screen
updates.
FEATURES
SYSTEM BLOCK DIAGRAM
Embedded 768K byte SRAM Display Buffer
Low Operating Voltage
8/16-bit Intel 80 interface (used for display or regis-
ter data).
RGB: 8:8:8, 6:6:6, 5:6:5 (8:8:8 will be truncated to
16 or 18 bpp).
YUV 4:2:2, 4:2:0 (Internal YUV to RGB Converter
stored as 16 or 18 bpp).
Active Matrix TFT interface - 18/36-bit interface.
Supports resolutions up to 800x480.
Hardware / Software Power Save mode.
16/18 bit-per-pixel (bpp) color depths.
SwivelView™: 90°, 180°, 270° counter-clockwise
hardware rotation of display image
Double-Buffer available to prevent image tearing
during streaming input
Pixel Doubling: Horizontal and Vertical averaging
for smooth doubling of a single window
Pixel Halving: no limitation on number of windows
Internal programmable PLL.
Single MHz clock input: CLKI.
General Purpose Input/Output pins.
Data and
CPU
Control Signals
13742
Active Matrix TFT Display
• 768K Bytes SRAM
S1D13742 Includes:
• Pixel Doubling
• Pixel Halving
• Swivelview™


Similar Part No. - S1D13742F01A200

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
logo
EPCOS
S1D13700F02A100 EPCOS-S1D13700F02A100 Datasheet
576Kb / 134P
   Hardware Functional Specification
logo
Epson Company
S1D13704F00A EPSON-S1D13704F00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13705F00A EPSON-S1D13705F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13742F01A200

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13719 EPSON-S1D13719 Datasheet
157Kb / 2P
   S1D13719 Mobile Graphics Engine
logo
List of Unclassifed Man...
UVGA-II(GFX) ETC2-UVGA-II(GFX) Datasheet
1Mb / 21P
   VGA Graphics Engine
UVGA-II(SGC) ETC2-UVGA-II(SGC) Datasheet
1Mb / 20P
   Serial VGA Graphics Engine
UVGA-III ETC2-UVGA-III Datasheet
2Mb / 19P
   VGA Graphics Engine-PACASO
logo
NXP Semiconductors
SAA6721E PHILIPS-SAA6721E Datasheet
360Kb / 72P
   SXGA RGB to TFT graphics engine
1999 May 11
SAA6712E PHILIPS-SAA6712E Datasheet
228Kb / 64P
   XGA RGB to TFT graphics engine
1999 Aug 25
logo
Cirrus Logic
CL-GD546X CIRRUS-CL-GD546X Datasheet
108Kb / 3P
   64-Bit Graphics Engine with Integrated 3D Game Acceleration(CL-GD5464)
logo
List of Unclassifed Man...
CATALYSTLP ETC2-CATALYSTLP Datasheet
450Kb / 3P
   Dual core for high-speed applications 400MHz graphics engine High bandwidth I/O
logo
Texas Instruments
TMS34020A TI-TMS34020A Datasheet
1Mb / 82P
[Old version datasheet]   GRAPHICS PROCESSORS
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com