Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV4145 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RV4145
Description  Low Power Ground Fault Interrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RV4145 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RV4145 Datasheet HTML 1Page - Fairchild Semiconductor RV4145 Datasheet HTML 2Page - Fairchild Semiconductor RV4145 Datasheet HTML 3Page - Fairchild Semiconductor RV4145 Datasheet HTML 4Page - Fairchild Semiconductor RV4145 Datasheet HTML 5Page - Fairchild Semiconductor RV4145 Datasheet HTML 6Page - Fairchild Semiconductor RV4145 Datasheet HTML 7Page - Fairchild Semiconductor RV4145 Datasheet HTML 8Page - Fairchild Semiconductor RV4145 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PRODUCT SPECIFICATION
RV4145A
2
REV. 1.0.3 3/6/02
Pin Assignments
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Current
18
mA
Internal Power Dissipation
500
mW
Storage Temperature Range
-65
+150
°C
Operating Temperature Range
-35
+85
°C
Junction Temperature
125°C
Lead Soldering Temperature
60 Sec, DIP
300
°C
10 Sec, SOIC, MSOP
260
°C
PD TA < 50°C
SOIC
300
mW
PDIP
450
mW
MSOP
350
mW
For TA > 50°C Derate at
SOIC
4
mW/°C
PDIP
6
mW/°C
MSOP
4.7
mW/°C
Parameter
Min
Typ
Max
Units
θJA
Thermal resistance
SOIC
240
°C/W
PDIP
160
°C/W
MSOP
206
°C/W
NC
8-Pin PDIP
8-Pin SOIC
8-Pin MSOP
Op Amp Output
+VS
SCR Trigger
VFB
+Input
VREF
GND
8
7
6
5
1
2
3
4
VFB
Op Amp Output
+VS
SCR Trigger
NC
+Input
VREF
GND
8
7
6
5
65-4145A-02
1
2
3
4


Similar Part No. - RV4145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4145A ONSEMI-RV4145A Datasheet
873Kb / 12P
   Low-Power Ground Fault Interrupter
April 2014 Rev. 1.0.6
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145AM FAIRCHILD-RV4145AM Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145AM ARTSCHIP-RV4145AM Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
More results

Similar Description - RV4145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A Datasheet
345Kb / 8P
   Low Power Ground Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Unisonic Technologies
GV4145A UTC-GV4145A_15 Datasheet
303Kb / 7P
   LOW POWER GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_05 Datasheet
67Kb / 7P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141A ONSEMI-RV4141A Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Integral Corp.
IL4145A INTEGRAL-IL4145A Datasheet
265Kb / 7P
   Low Power Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com