Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV4145 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # RV4145
Description  Low Power Ground Fault Interrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RV4145 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button RV4145 Datasheet HTML 3Page - Fairchild Semiconductor RV4145 Datasheet HTML 4Page - Fairchild Semiconductor RV4145 Datasheet HTML 5Page - Fairchild Semiconductor RV4145 Datasheet HTML 6Page - Fairchild Semiconductor RV4145 Datasheet HTML 7Page - Fairchild Semiconductor RV4145 Datasheet HTML 8Page - Fairchild Semiconductor RV4145 Datasheet HTML 9Page - Fairchild Semiconductor RV4145 Datasheet HTML 10Page - Fairchild Semiconductor RV4145 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRODUCT SPECIFICATION
RV4145A
10
REV. 1.0.3 3/6/02
Mechanical Dimensions
8-Lead MSOP Package
Package MA08D
8-Lead Molded Small Outline Package (MSOP), JEDEC MO-187, 3.0mm Wide
Package Number MA08D
0.118 - 0.004
[3 ± 0.1]
85
14
0.193
± 0.004
[4.9
± 0.1]
0.118
± 0.004
[3
± 0.1]
(0.189)
[4.8]
(0.040)
[1.02]
SYMM
C
LAND PATTERN RECOMMENDATION
0.030 - 0.037
[0.78 - 0.94]
0.021
± 0.005
[0.53
± 0.12]
0.007
± 0.002
[0.18
± 0.05]
0.002 - 0.006
[0.06 - 0.15]
0.012
± 0.002
[0.3
± 0.05]
(0.033)
[0.84]
0.0375
[0.953]
PIN 1
IDENT
TYP
TYP
TYP
(0.016)
[0.41]
TYP
0.005
[0.13]
TYP
TYP
GAGE
PLANE
R
0.005
[0.13]
TYP
TYP
R
(0.0256)
[0.65]
TYP
0
°–6° TYP
SEATING PLANE
(0.0256)
[0.65]
–A–
–B–
–C–
0.002 [0.05]
0.002 [0.05]
MS
A
C
S
B
(0.010)
[0.23]


Similar Part No. - RV4145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4145A ONSEMI-RV4145A Datasheet
873Kb / 12P
   Low-Power Ground Fault Interrupter
April 2014 Rev. 1.0.6
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145AM FAIRCHILD-RV4145AM Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145AM ARTSCHIP-RV4145AM Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
More results

Similar Description - RV4145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A Datasheet
345Kb / 8P
   Low Power Ground Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Unisonic Technologies
GV4145A UTC-GV4145A_15 Datasheet
303Kb / 7P
   LOW POWER GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_05 Datasheet
67Kb / 7P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141A ONSEMI-RV4141A Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Integral Corp.
IL4145A INTEGRAL-IL4145A Datasheet
265Kb / 7P
   Low Power Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com