Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV4145 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RV4145
Description  Low Power Ground Fault Interrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RV4145 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RV4145 Datasheet HTML 1Page - Fairchild Semiconductor RV4145 Datasheet HTML 2Page - Fairchild Semiconductor RV4145 Datasheet HTML 3Page - Fairchild Semiconductor RV4145 Datasheet HTML 4Page - Fairchild Semiconductor RV4145 Datasheet HTML 5Page - Fairchild Semiconductor RV4145 Datasheet HTML 6Page - Fairchild Semiconductor RV4145 Datasheet HTML 7Page - Fairchild Semiconductor RV4145 Datasheet HTML 8Page - Fairchild Semiconductor RV4145 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.fairchildsemi.com
REV. 1.0.3 3/6/02
Features
• No potentiomenter required
• Direct interface to SCR
• Supply voltage derived from AC line – 26V shunt
• Adjustable sensitivity
Description
The RV4145A is a low power controller for AC outlet
ground fault interrupters. These devices detect hazardous
grounding conditions, such as equipment (connected to
opposite phases of the AC line) in contact with a pool of
water and open circuits the line before a harmful or lethal
shock occurs.
Contained internally are a 26V zener shunt regulator, an op
amp, and an SCR driver. WIth the addition of two sense
transformers, a bridge rectifier, an SCR, a relay, and a few
additional components, the RV4145A will detect and protect
against both hot wire to ground and neutral wire to ground
faults. The simple layout and conventional design ensure
ease of application and long-term reliability.
Block Diagram
R2
10K
R1
10K
+VS
(+26V)
SCR Trigger
VFB
+Input
Ground
R3
4.7K
65-4145A-01
RV4145A
Op Amp Output
6.5V
6.5V
6.5V
6.5V
VREF
(+13V)
RV4145A
Low Power Ground Fault Interrupter
• Grounded neutral fault detection
• Meets U.L. 943 standards
• 450µA quiescent current
• Ideal for 120V or 220V systems


Similar Part No. - RV4145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4145A ONSEMI-RV4145A Datasheet
873Kb / 12P
   Low-Power Ground Fault Interrupter
April 2014 Rev. 1.0.6
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145AM FAIRCHILD-RV4145AM Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145AM ARTSCHIP-RV4145AM Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
More results

Similar Description - RV4145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A Datasheet
345Kb / 8P
   Low Power Ground Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Unisonic Technologies
GV4145A UTC-GV4145A_15 Datasheet
303Kb / 7P
   LOW POWER GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_05 Datasheet
67Kb / 7P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141A ONSEMI-RV4141A Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Integral Corp.
IL4145A INTEGRAL-IL4145A Datasheet
265Kb / 7P
   Low Power Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com