Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV4145 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RV4145
Description  Low Power Ground Fault Interrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RV4145 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RV4145 Datasheet HTML 1Page - Fairchild Semiconductor RV4145 Datasheet HTML 2Page - Fairchild Semiconductor RV4145 Datasheet HTML 3Page - Fairchild Semiconductor RV4145 Datasheet HTML 4Page - Fairchild Semiconductor RV4145 Datasheet HTML 5Page - Fairchild Semiconductor RV4145 Datasheet HTML 6Page - Fairchild Semiconductor RV4145 Datasheet HTML 7Page - Fairchild Semiconductor RV4145 Datasheet HTML 8Page - Fairchild Semiconductor RV4145 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RV4145A
PRODUCT SPECIFICATION
REV. 1.0.3 3/6/02
3
Electrical Characteristics (IS = 1.5mA and TA = +25°C)
Electrical Characteristics (IS = 1.5mA and -35°C ≤ TA ≤ +85°C)
Parameters
Test Conditions
Min
Typ
Max
Units
Detector Reference Voltage
Pin 7 to Pin 3
6.8
7.2
8.1
±V
Shunt Regulator
Zener Voltage (+VS)
Pin 6 to Pin 4
25
26
29.2
V
Reference Voltage (VREF)
Pin 3 to Pin 4
12.5
13
14.6
V
Quiescent Current (IS)+VS = 24V
450
750
µA
Operational Amplifier
Offset Voltage
Pin 2 to Pin 3
-3.0
0.5
+3.0
mV
+Output Voltage Swing
Pin 7 to Pin 3
6.8
7.2
8.1
V
–Output Voltage Swing
Pin 7 to Pin 3
-9.5
-11.2
-13.5
V
+Output Source Current
Pin 7 to Pin 3
650
µA
–Output Source Current
Pin 7 to Pin 3
1.0
mA
Gain Bandwidth Product
F = 50KHz
1.0
1.8
MHz
Resistors
IS = 0mA
R1
Pin 1 to Pin 3
10
k
R2
Pin 2 to Pin 3
10
k
R3
Pin 5 to Pin 4
3.5
4.7
5.9
k
SCR Trigger Voltage
Pin 5 to Pin 4
Detector On
1.5
2.8
V
Detector Off
0
1
10
mV
Parameters
Test Conditions
Min
Typ
Max
Units
Detector Reference Voltage
Pin 7 to Pin 3
6.5
7.2
8.3
±V
Shunt Regulator
Zener Voltage (+VS)
Pin 6 to Pin 4
24
26
30
V
Reference Voltage (VREF)
Pin 3 to Pin 4
12
13
15
V
Quiescent Current (IS)+VS = 23V
500
µA
Operational Amplifier
Offset Voltage
Pin 2 to Pin 3
-5.0
0.5
+5.0
mV
+Output Voltage Swing
Pin 7 to Pin 3
6.5
7.2
8.3
V
–Output Voltage Swing
Pin 7 to Pin 3
-9
-11.2
-14
V
Gain Bandwidth Product
F = 50KHz
1.8
MHz
Resistors
IS = 0mA
R1
Pin 1 to Pin 3
10
k
R2
Pin 2 to Pin 3
10
k
R3
Pin 5 to Pin 4
3.5
4.7
5.9
k
SCR Trigger Voltage
Pin 5 to Pin 4
Detector On
1.3
2.8
V
Detector Off
0
3
50
mV


Similar Part No. - RV4145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4145A ONSEMI-RV4145A Datasheet
873Kb / 12P
   Low-Power Ground Fault Interrupter
April 2014 Rev. 1.0.6
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145AM FAIRCHILD-RV4145AM Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145AM ARTSCHIP-RV4145AM Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
More results

Similar Description - RV4145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A Datasheet
345Kb / 8P
   Low Power Ground Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Unisonic Technologies
GV4145A UTC-GV4145A_15 Datasheet
303Kb / 7P
   LOW POWER GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_05 Datasheet
67Kb / 7P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141A ONSEMI-RV4141A Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Integral Corp.
IL4145A INTEGRAL-IL4145A Datasheet
265Kb / 7P
   Low Power Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com