Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG75120 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RHRG75120
Description  75A, 1200V Hyperfast Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRG75120 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RHRG75120 Datasheet HTML 1Page - Fairchild Semiconductor RHRG75120 Datasheet HTML 2Page - Fairchild Semiconductor RHRG75120 Datasheet HTML 3Page - Fairchild Semiconductor RHRG75120 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
RHRG75120 Rev. B
RHRG75120
75A, 1200V Hyperfast Diode
The RHRG75120 is a hyperfast diode with soft recovery
characteristics (trr < 85ns). It has half the recovery time of
ultrafast diodes and is silicon nitride passivated
ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping
diode and rectifier in a variety of high frequency switching
power supplies and other power switching applications. Its
low stored charge and hyperfast soft recovery characteristic
minimize ringing and electrical noise in many power
switching circuits, thus reducing power loss in the switching
transistors.
Formerly developmental type TA49042.
Symbol
Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <85ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . . . . 175oC
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1200V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose
Packaging
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
RHRG75120
TO-247
RHRG75120
NOTE: When ordering, use the entire part number.
K
A
CATHODE
CATHODE
ANODE
METAL)
(BOTTOM SIDE
Absolute Maximum Ratings
TC = 25
oC
RHRG75120
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
1200
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM
1200
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR
1200
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
75
A
(TC = 42
oC)
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFRM
150
A
(Square Wave, 20kHz)
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM
500
A
(Halfwave, 1 Phase, 60Hz)
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
190
W
Avalanche Energy (See Figures 7 and 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAVL
50
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-65 to 175
oC
Data Sheet
January 2002


Similar Part No. - RHRG75120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
   75A, 1200V Hyperfast Diode
logo
Inchange Semiconductor ...
RHRG75120 ISC-RHRG75120 Datasheet
283Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - RHRG75120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
   75A, 1200V Hyperfast Diode
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
   75A, 1200V Hyperfast Diode
RHRG7560 INTERSIL-RHRG7560 Datasheet
46Kb / 4P
   75A, 600V Hyperfast Diode
RURU75120 INTERSIL-RURU75120 Datasheet
31Kb / 3P
   75A, 1200V Ultrafast Diode
RURG75120 INTERSIL-RURG75120 Datasheet
32Kb / 3P
   75A, 1200V Ultrafast Diode
logo
Diodes Incorporated
PT7612 DIODES-PT7612 Datasheet
140Kb / 3P
   DIODE MODULE 75A/1200V/1600V
logo
Nihon Inter Electronics...
PT76S12 NIEC-PT76S12 Datasheet
118Kb / 3P
   DIODE MODULE 75A/1200V/1600V
logo
Intersil Corporation
RHRP8120 INTERSIL-RHRP8120 Datasheet
50Kb / 4P
   8A, 1200V Hyperfast Diode
logo
Fairchild Semiconductor
RHRG30120 FAIRCHILD-RHRG30120 Datasheet
74Kb / 4P
   30A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG50120 INTERSIL-RHRG50120 Datasheet
14Kb / 2P
   50A, 1200V Hyperfast Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com