Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC238370682 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BFC238370682
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC238370682 Datasheet(HTML) 1 Page - Vishay Siliconix

  BFC238370682 Datasheet HTML 1Page - Vishay Siliconix BFC238370682 Datasheet HTML 2Page - Vishay Siliconix BFC238370682 Datasheet HTML 3Page - Vishay Siliconix BFC238370682 Datasheet HTML 4Page - Vishay Siliconix BFC238370682 Datasheet HTML 5Page - Vishay Siliconix BFC238370682 Datasheet HTML 6Page - Vishay Siliconix BFC238370682 Datasheet HTML 7Page - Vishay Siliconix BFC238370682 Datasheet HTML 8Page - Vishay Siliconix BFC238370682 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Document Number: 28124
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 19-Mar-13
187
AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP Radial Potted Type
MMKP 383
Vishay BCcomponents
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Not Recommended for New Design, Use New MMKP383
APPLICATIONS
Where steep pulses occur e.g. SMPS (switch mode power
supplies). Electronic lighting e.g. Ballast. Motor control
circuits. S-correction. For flyback applications please use
1400 V series.
REFERENCE SPECIFICATIONS
IEC 60384-17
MARKING
C-value; tolerance; rated voltage; sub-class; manufacturer’s
type; code for dielectric material; code for factory of origin;
manufacturer; year and week of manufacture
DIELECTRIC
Polypropylene film
ELECTRODES
Metallized
ENCAPSULATION
Flame retardant plastic case and epoxy resin
CONSTRUCTION
Internal serial construction
RATED (DC) VOLTAGE
250 V, 400 V, 630 V, 1000 V, 1400 V, 1600 V, 2000 V,
2500 V
RATED (AC) VOLTAGE
125 V, 200 V, 220 V, 350 V, 500 V, 550 V, 700 V, 900 V
RATED PEAK-TO-PEAK VOLTAGE
350 V, 560 V, 630 V, 1000 V, 1400 V, 1600 V, 2000 V,
2500 V
FEATURES
7.5 mm bent back pitch. 15 mm to 27.5 mm lead
pitch. Low contact resistance. Low loss dielectric.
Small dimensions for high density packaging.
Supplied loose in box and taped on reel
Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
ENCAPSULATION
Plastic case, epoxy resin sealed, flame retardant
UL-class 94 V-0
CLIMATIC CATEGORY
55/105/56
CAPACITANCE RANGE (E24 SERIES)
0.001 µF to 2.7 µF
CAPACITANCE TOLERANCE
± 5 %
LEADS
Tinned wire
RATED (DC) TEMPERATURE
85 °C
RATED (AC) TEMPERATURE
105 °C
MAXIMUM APPLICATION TEMPERATURE
105
C
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
dc-film@vishay.com
168x12(halfpage)
168x12(halfpage)
w
¯dt
l
P
h
lt
l
h h'
w
¯dt
H
F
10
F'
(1)
15
Dimensions in mm
(1)
F-F’ 0.3 mm
F = 7.5 + 0.6/- 0.1 mm


Similar Part No. - BFC238370682

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC238330224 VISHAY-BFC238330224 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 19-Mar-13
More results

Similar Description - BFC238370682

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 08-Aug-2018
BFC238330224 VISHAY-BFC238330224 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 19-Mar-13
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
MMKP383 VISHAY-MMKP383 Datasheet
202Kb / 19P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 28-Feb-05
MMKP383 VISHAY-MMKP383_08 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 05-Nov-08
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com