Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP4CE55F29I7 Datasheet(PDF) 12 Page - Altera Corporation

Part # EP4CE55F29I7
Description  Cyclone IV FPGA Device Family Overview
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE55F29I7 Datasheet(HTML) 12 Page - Altera Corporation

Back Button EP4CE55F29I7 Datasheet HTML 6Page - Altera Corporation EP4CE55F29I7 Datasheet HTML 7Page - Altera Corporation EP4CE55F29I7 Datasheet HTML 8Page - Altera Corporation EP4CE55F29I7 Datasheet HTML 9Page - Altera Corporation EP4CE55F29I7 Datasheet HTML 10Page - Altera Corporation EP4CE55F29I7 Datasheet HTML 11Page - Altera Corporation EP4CE55F29I7 Datasheet HTML 12Page - Altera Corporation EP4CE55F29I7 Datasheet HTML 13Page - Altera Corporation EP4CE55F29I7 Datasheet HTML 14Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
1–12
Chapter 1: Cyclone IV FPGA Device Family Overview
Reference and Ordering Information
Cyclone IV Device Handbook,
November 2011
Altera Corporation
Volume 1
Reference and Ordering Information
Figure 1–2 shows the ordering codes for Cyclone IV GX devices.
Figure 1–3 shows the ordering codes for Cyclone IV E devices.
Figure 1–2. Packaging Ordering Information for the Cyclone IV GX Device
Family Signature
Transceiver Count
Package Type
Package Code
Operating Temperature
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
GX : 3-Gbps transceivers
EP4C : Cyclone IV
15 : 14,400 logic elements
22 : 21,280 logic elements
30 : 29,440 logic elements
50 : 49,888 logic elements
75 : 73,920 logic elements
110: 109,424 logic elements
150: 149,760 logic elements
B : 2
C : 4
D : 8
F : FineLine BGA (FBGA)
N : Quad Flat Pack No Lead (QFN)
FBGA Package Type
14 : 169 pins
19 : 324 pins
23 : 484 pins
27 : 672 pins
31 : 896 pins
QFN Package Type
11 : 148 pins
C : Commercial temperature (TJ = 0° C to 85° C)
I
: Industrial temperature (TJ = -40° C to 100° C)
6 (fastest)
7
8
N : Lead-free packaging
ES : Engineering sample
EP4C
GX
30
C
F
19
C
7
N
Member Code
Family Variant
Figure 1–3. Packaging Ordering Information for the Cyclone IV E Device
Family Signature
Package Type
Package Code
Operating Temperature
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
E : Enhanced logic/memory
EP4C : Cyclone IV
6 : 6,272 logic elements
10 : 10,320 logic elements
15 : 15,408 logic elements
22 : 22,320 logic elements
30 : 28,848 logic elements
40 : 39,600 logic elements
55 : 55,856 logic elements
75 : 75,408 logic elements
115: 114,480 logic elements
F : FineLine BGA (FBGA)
E : Enhanced Thin Quad Flat Pack (EQFP)
U : Ultra FineLine BGA (UBGA)
M : Micro FineLine BGA (MBGA)
FBGA Package Type
17 : 256 pins
23 : 484 pins
29 : 780 pins
EQFP Package Type
22 : 144 pins
UBGA Package Type
14 : 256 pins
19 : 484 pins
MBGA Package Type
8 : 164 pins
C : Commercial temperature (TJ = 0° C to 85° C)
I
: Industrial temperature (TJ = -40° C to 100° C)
Extended industrial temperature (TJ = -40° C to 125° C)
A : Automotive temperature (TJ = -40° C to 125° C)
6 (fastest)
7
8
9
N : Lead-free packaging
ES : Engineering sample
L : Low-voltage device
EP4C
E
40
F
29
C
8
N
Member Code
Family Variant


Similar Part No. - EP4CE55F29I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE55F29C6N ALTERA-EP4CE55F29C6N Datasheet
678Kb / 42P
Cyclone IV Device Datasheet
More results

Similar Description - EP4CE55F29I7

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22I7 ALTERA-EP4CE6E22I7 Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10U14I7N ALTERA-EP4CE10U14I7N Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE115F23C8N ALTERA-EP4CE115F23C8N Datasheet
383Kb / 14P
Cyclone IV FPGA Device Faily Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com