Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2901EG4 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM2901EG4
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2901EG4 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM2901EG4 Datasheet HTML 20Page - Texas Instruments PCM2901EG4 Datasheet HTML 21Page - Texas Instruments PCM2901EG4 Datasheet HTML 22Page - Texas Instruments PCM2901EG4 Datasheet HTML 23Page - Texas Instruments PCM2901EG4 Datasheet HTML 24Page - Texas Instruments PCM2901EG4 Datasheet HTML 25Page - Texas Instruments PCM2901EG4 Datasheet HTML 26Page - Texas Instruments PCM2901EG4 Datasheet HTML 27Page - Texas Instruments PCM2901EG4 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
www.ti.com
Clock and Reset
Digital Audio Interface (PCM2903)
Supported Input Data (PCM2903)
Channel Status Information (PCM2903)
Copyright Management (PCM2903)
INTERFACE SEQUENCE
Power On, Attach, and Playback Sequence
PCM2901
PCM2903
SLES034C – MARCH 2002 – REVISED NOVEMBER 2007
The PCM2901/2903 requires a 12-MHz (±500 ppm) clock for the USB and audio function, which can be
generated by a built-in crystal oscillator with a 12-MHz crystal resonator or supplied by an external clock. The
12-MHz crystal resonator must be connected to XTI (pin 21) and XTO (pin 20) with one high (1-M
Ω) resistor and
two small capacitors, the capacitance of which depends on the load capacitance of the crystal resonator. If the
external clock is used, the clock must be supplied to XTI, and XTO must be open.
The PCM2901/2903 has an internal power-on reset circuit, which works automatically when VDD (pin 27) exceeds
2.5 V typical (2.7 V to 2.2 V), and about 700
µs is required until internal reset release.)
The PCM2903 employs both S/PDIF input and output. Isochronous-out data from the host is encoded to the
S/PDIF output and the DAC analog output. Input data is selected as either S/PDIF or ADC analog input. When
the device detects an S/PDIF input and successfully locks on the received data, the isochronous-in transfer data
source is automatically selected from S/PDIF itself; otherwise, the data source is selected to ADC analog input.
The following data formats are accepted by the S/PDIF input and output. All other data formats are unable to use
S/PDIF.
• 48-kHz 16-bit stereo
• 44.1-kHz 16-bit stereo
• 32-kHz 16-bit stereo
Mismatch between input data format and host command may cause unexpected results except in the following
conditions.
• Record monaural format from stereo data input at the same data rate
• Record 8-bit format from 16-bit data input at the same data rate
A combination of the foregoing conditions is not accepted.
For playback, all possible data-rate source is converted to 16-bit stereo format at the same source data rate.
The channel status information is fixed as consumer application, PCM mode, copyright, and digital/digital
converter. All other bits are fixed as 0s except for the sample frequency, which is set automatically according to
the data received through the USB.
Isochronous-in data is affected by the serial copy management system (SCMS). Where receiving digital audio
data that is indicated as original data in the control bit, input digital audio data transfers to the host. If the data is
indicated as first generation or higher, transferred data is selected to analog input.
Digital audio data output is always encoded as original with SCMS control.
The implementation of this feature is an option for the customer. Note that it is the user's responsibility whether
they implement this feature in their product or not.
The PCM2901/2903 is ready for setup when the reset sequence has finished and the USB bus is attached. In
order to perform certain reset sequences defined in the USB specification, VDD, VCCC, VCCP1, VCCP2, and VCCX
must rise up with 10 ms / 3.3 V. After connection has been established by setup, the PCM2901/2903 is ready to
accept USB audio data. While waiting, the audio data (idle state) and analog output are set to bipolar zero (BPZ).
When receiving the audio data, the PCM2901/2903 stores the first audio packet, which contained 1-ms audio
data, into the internal storage buffer. The PCM2901/2903 starts playing the audio data when detecting the
following start of frame (SOF) packet.
24
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM2901 PCM2903


Similar Part No. - PCM2901EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2901E TI-PCM2901E Datasheet
324Kb / 33P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
PCM2901E/2K TI-PCM2901E/2K Datasheet
324Kb / 33P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
More results

Similar Description - PCM2901EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com