Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2901EG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901EG4
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2901EG4 Datasheet(HTML) 1 Page - Texas Instruments

  PCM2901EG4 Datasheet HTML 1Page - Texas Instruments PCM2901EG4 Datasheet HTML 2Page - Texas Instruments PCM2901EG4 Datasheet HTML 3Page - Texas Instruments PCM2901EG4 Datasheet HTML 4Page - Texas Instruments PCM2901EG4 Datasheet HTML 5Page - Texas Instruments PCM2901EG4 Datasheet HTML 6Page - Texas Instruments PCM2901EG4 Datasheet HTML 7Page - Texas Instruments PCM2901EG4 Datasheet HTML 8Page - Texas Instruments PCM2901EG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM2901
PCM2903
SLES034C – MARCH 2002 – REVISED NOVEMBER 2007
STEREO AUDIO CODEC WITH USB INTERFACE,
SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
234
• PCM2901: Without S/PDIF
• Stereo DAC
• PCM2903: With S/PDIF
Analog Performance at VCCC = VCCP1 = VCCP2
= VCCX = VDD = 3.3 V
• On-Chip USB Interface
THD+N = 0.005%
With Full-Speed Transceivers
SNR = 96 dB
Fully Compliant With USB 1.1 Specification
Dynamic Range = 93 dB
Certified by USB-IF
Oversampling Digital Filter
Partially Programmable Descriptors (1)
Pass-Band Ripple = ±0.1 dB
USB Adaptive Mode for Playback
Stop-Band Attenuation = –43 dB
USB Asynchronous Mode for Record
Single-Ended Voltage Output
Self-Powered
Analog LPF Included
• 16-Bit Delta-Sigma ADC and DAC
• Multifunctions
• Sampling Rates
Human Interface Device (HID) Volume ±
DAC: 32, 44.1, 48 kHz
Control and Mute Control
ADC: 8, 11.025, 16, 22.05, 32, 44.1, 48 kHz
Suspend Flag
• On-Chip Clock Generator With Single 12-MHz
• Package: 28-Pin SSOP
Clock Source
• Single Power Supply: 3.3 V Typical
• Stereo ADC
• USB Audio Speaker
Analog Performance at VCCC = VCCP1 = VCCP2
• USB Headset
= VCCX = VDD = 3.3 V
• USB Monitor
THD+N = 0.01%
• USB Audio Interface Box
SNR = 89 dB
Dynamic Range = 89 dB
Decimation Digital Filter
The PCM2901/2903 is TI's single-chip USB stereo
Pass-Band Ripple = ±0.05 dB
audio codec with USB-compliant full-speed protocol
controller and S/PDIF (only PCM2903). The USB
Stop-Band Attenuation = –65 dB
protocol controller works with no software code, but
Single-Ended Voltage Input
the USB descriptors can be modified in some areas
Antialiasing Filter Included
(for
example,
vendor
ID/product
ID).
The
PCM2901/2903 employs SpAct™ architecture, TI's
Digital LCF Included
unique system that recovers the audio clock from
USB packet data. On-chip analog PLLs with SpAct
enable playback and record with low clock jitter and
with independent playback and record sampling
(1)
The descriptor can be modified by changing a mask.
rates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpAct is a trademark of Texas Instruments.
3
System Two, Audio Precision are trademarks of Audio Precision, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM2901EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2901E TI-PCM2901E Datasheet
324Kb / 33P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
PCM2901E/2K TI-PCM2901E/2K Datasheet
324Kb / 33P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
More results

Similar Description - PCM2901EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com