Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2901EG4 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901EG4
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2901EG4 Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM2901EG4 Datasheet HTML 22Page - Texas Instruments PCM2901EG4 Datasheet HTML 23Page - Texas Instruments PCM2901EG4 Datasheet HTML 24Page - Texas Instruments PCM2901EG4 Datasheet HTML 25Page - Texas Instruments PCM2901EG4 Datasheet HTML 26Page - Texas Instruments PCM2901EG4 Datasheet HTML 27Page - Texas Instruments PCM2901EG4 Datasheet HTML 28Page - Texas Instruments PCM2901EG4 Datasheet HTML 29Page - Texas Instruments PCM2901EG4 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
www.ti.com
D+/D–
SEL1(Pin9)
2.5V(Typ)
0V
InternalReset
ReadyforSetup
SOF
ReadyforPlayback
BusReset
SetConfiguration
SOF
SOF
BPZ
BusIdle
3.3V (Typ)
5V=V
BUS
(Typ)
1 AudioData
st
2
AudioData
nd
V
(Pin27)
DD
SSPND
V
L
OUT
V
R
OUT
700 s
m
DeviceSetup
1ms
T0273-01
Play, Stop, and Detach Sequence
Record Sequence
Suspend and Resume Sequence
PCM2901
PCM2903
SLES034C – MARCH 2002 – REVISED NOVEMBER 2007
Figure 36. Power-On Under Attach
When the host finishes or aborts the playback, the PCM2901/2903 stops playing after the last audio data has
played.
The PCM2901/2903 starts the audio capture into the internal memory after receiving the SET_INTERFACE
command.
The PCM2901/2903 enters the suspend state after it detects a constant idle state on the USB bus, approximately
5 ms. While the PCM2901/2903 enters the suspend state, the SSPND flag (pin 28) is asserted. The
PCM2901/2903 wakes up immediately after detecting a non-idle state on the USB bus.
26
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM2901 PCM2903


Similar Part No. - PCM2901EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2901E TI-PCM2901E Datasheet
324Kb / 33P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
PCM2901E/2K TI-PCM2901E/2K Datasheet
324Kb / 33P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
More results

Similar Description - PCM2901EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com