Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2901EG4 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901EG4
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2901EG4 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM2901EG4 Datasheet HTML 19Page - Texas Instruments PCM2901EG4 Datasheet HTML 20Page - Texas Instruments PCM2901EG4 Datasheet HTML 21Page - Texas Instruments PCM2901EG4 Datasheet HTML 22Page - Texas Instruments PCM2901EG4 Datasheet HTML 23Page - Texas Instruments PCM2901EG4 Datasheet HTML 24Page - Texas Instruments PCM2901EG4 Datasheet HTML 25Page - Texas Instruments PCM2901EG4 Datasheet HTML 26Page - Texas Instruments PCM2901EG4 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
www.ti.com
Interface #2
Interface #3
End-Points
PCM2901
PCM2903
SLES034C – MARCH 2002 – REVISED NOVEMBER 2007
Interface #2 is defined as the audio streaming data-in interface. Interface #2 has the following 19 alternative
settings. Alternative setting #0 is the zero-bandwidth setting. All other alternative settings are operational
settings.
ALTERNATIVE
SAMPLING RATE
DATA FORMAT
TRANSFER MODE
SETTING
(kHz)
00
Zero bandwidth
01
16 bit
Stereo
2s complement (PCM)
Asynchronous
48
02
16 bit
Mono
2s complement (PCM)
Asynchronous
48
03
16 bit
Stereo
2s complement (PCM)
Asynchronous
44.1
04
16 bit
Mono
2s complement (PCM)
Asynchronous
44.1
05
16 bit
Stereo
2s complement (PCM)
Asynchronous
32
06
16 bit
Mono
2s complement (PCM)
Asynchronous
32
07
16 bit
Stereo
2s complement (PCM)
Asynchronous
22.05
08
16 bit
Mono
2s complement (PCM)
Asynchronous
22.05
09
16 bit
Stereo
2s complement (PCM)
Asynchronous
16
0A
16 bit
Mono
2s complement (PCM)
Asynchronous
16
0B
8 bit
Stereo
2s complement (PCM)
Asynchronous
16
0C
8 bit
Mono
2s complement (PCM)
Asynchronous
16
0D
8 bit
Stereo
2s complement (PCM)
Asynchronous
8
0E
8 bit
Mono
2s complement (PCM)
Asynchronous
8
0F
16 bit
Stereo
2s complement (PCM)
Synchronous
11.025
10
16 bit
Mono
2s complement (PCM)
Synchronous
11.025
11
8 bit
Stereo
2s complement (PCM)
Synchronous
11.025
12
8 bit
Mono
2s complement (PCM)
Synchronous
11.025
Interface #3 is defined as the interrupt data-in interface. Alternative setting #0 is the only possible setting for
interface #3. Interface #3 constructs the HID consumer control device. Interface #3 reports the following three
key statuses.
• Mute (0xE209)
• Volume up (0xE909)
• Volume down (0xEA09)
The PCM2901/2903 has the following four end-points.
• Control end-point (EP #0)
• Isochronous-out audio data stream end-point (EP #2)
• Isochronous-in audio data stream end-point (EP #4)
• HID end-point (EP #5)
The control end-point is a default end-point. The control end-point is used to control all functions of the
PCM2901/2903 by the standard USB request and USB audio-class-specific request from the host. The
isochronous-out audio data stream end-point is an audio sink end-point, which receives the PCM audio data. The
isochronous-out audio data stream end-point accepts the adaptive transfer mode. The isochronous-in audio data
stream end-point is an audio source end-point, which transmits the PCM audio data. The isochronous-in audio
data stream end-point uses asynchronous transfer mode. The HID end-point is an interrupt-in end-point. HID
end-point reports HID0, HID1, and HID2 pin status every 32 ms.
The human interface device (HID) pins are defined as consumer control devices. The HID function is designed
as an independent end-point from both isochronous-in and -out end-points. This means that the device affected
by the HID operation depends on the host software. Typically, the HID function affects the primary audio-out
device.
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCM2901 PCM2903


Similar Part No. - PCM2901EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2901E TI-PCM2901E Datasheet
324Kb / 33P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
PCM2901E/2K TI-PCM2901E/2K Datasheet
324Kb / 33P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
More results

Similar Description - PCM2901EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com