Electronic Components Datasheet Search |
|
PCM2901EG4 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|
PCM2901EG4 Datasheet(HTML) 20 Page - Texas Instruments |
20 / 37 page www.ti.com DETAILED DESCRIPTION USB INTERFACE PCM2901 PCM2903 SLES034C – MARCH 2002 – REVISED NOVEMBER 2007 Control data and audio data are transferred to the PCM2901/2903 via D+ (pin 1) and D– (pin 2). All data to/from the PCM2901/2903 is transferred at full speed. The device descriprtor contains the information described in Table 1. The device descriptor can be modified on request; contact a Texas Instruments representative for details. Table 1. Device Descriptor USB revision 1.1 compliant Device class 0x00 (device-defined interface level) Device subclass 0x00 (not specified) Device protocol 0x00 (not specified) Max packet size for end-point 0 8 bytes Vendor ID 0x08BB (default value, can be modified) Product ID 0x2901 / 0x2903 (default value, can be modified) Device release number 1.0 (0x0100) Number of configurations 1 Vendor strings String #1 (see Table 3) Product strings String #2 (see Table 3) Serial number Not supported The configuration descriptor contains the information described in Table 2. The configuration descriptor can be modified on request; contact a Texas Instruments representative for details. Table 2. Configuration Descriptor Interface Four interfaces Power attribute 0xC0 (Self-powered, no remote wakeup) Maximum power 0x00 (0 mA. Default value, can be modified) The string descriptor contains the information described in Table 3. The string descriptor can be modified on request; contact a Texas Instruments representative for details. Table 3. String Descriptor #0 0x0409 #1 Burr-Brown from TI (default value, can be modified) #2 USB audio codec (default value, can be modified) 20 Submit Documentation Feedback Copyright © 2002–2007, Texas Instruments Incorporated Product Folder Link(s): PCM2901 PCM2903 |
Similar Part No. - PCM2901EG4 |
|
Similar Description - PCM2901EG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |