Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA139NA Datasheet(PDF) 3 Page - Texas Instruments

Part # INA139NA
Description  High-Side Measurement CURRENT SHUNT MONITOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA139NA Datasheet(HTML) 3 Page - Texas Instruments

  INA139NA Datasheet HTML 1Page - Texas Instruments INA139NA Datasheet HTML 2Page - Texas Instruments INA139NA Datasheet HTML 3Page - Texas Instruments INA139NA Datasheet HTML 4Page - Texas Instruments INA139NA Datasheet HTML 5Page - Texas Instruments INA139NA Datasheet HTML 6Page - Texas Instruments INA139NA Datasheet HTML 7Page - Texas Instruments INA139NA Datasheet HTML 8Page - Texas Instruments INA139NA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
INA139, INA169
3
SBOS181D
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, VS = 5V, VIN+ = 12V, and ROUT = 25kΩ, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Full-Scale Sense Voltage
VSENSE = (VIN+) – (VIN–)
100
500
✽✽
mV
Common-Mode Input Range
2.7
40
60
V
Common-Mode Rejection
VIN+ = 2.7V to 40V, VSENSE = 50mV
100
115
dB
VIN+ = 2.7V to 60V, VSENSE = 50mV
100
120
dB
Offset Voltage(1) RTI
±0.2
±1
✽✽
mV
vs Temperature
TMIN to TMAX
1
µV/°C
vs Power Supply, V+
V– = 2.7V to 40V, VSENSE = 50mV
0.5
10
µV/V
V– = 2.7V to 60V, VSENSE = 50mV
0.1
10
µV/V
Input Bias Current
10
uA
OUTPUT
Transconductance
VSENSE = 10mV – 150mV
990
1000
1010
✽✽
µA/V
vs Temperature
VSENSE = 100mV
10
nA/
°C
Nonlinearity Error
VSENSE = 10mV to 150mV
±0.01
±0.1
✽✽
%
Total Output Error
VSENSE = 100mV
±0.5
±2
✽✽
%
Output Impedance
1 || 5
G
Ω || pF
Voltage Output
Swing to Power Supply, V+
(V+) – 0.9 (V+) – 1.2
✽✽
V
Swing to Common Mode, VCM
VCM – 0.6 VCM – 1.0
✽✽
V
FREQUENCY RESPONSE
Bandwidth
ROUT = 10kΩ
440
kHz
ROUT = 20kΩ
220
kHz
Settling Time (0.1%)
5V Step, ROUT = 10kΩ
2.5
µs
5V Step, ROUT = 20kΩ
5.0
µs
NOISE
Output-Current Noise Density
20
pA/
√Hz
Total Output-Current Noise
BW = 100kHz
7
nA RMS
POWER SUPPLY
Operating Range, V+
2.7
40
60
V
Quiescent Current
VSENSE = 0, IO = 0
60
125
✽✽
µA
TEMPERATURE RANGE
Specification, TMIN to TMAX
–40
85
✽✽
°C
Operating
–55
125
✽✽
°C
Storage
–65
150
✽✽
°C
Thermal Resistance
θ
JA
200
°C/W
✽ Specification same as for the INA139NA.
NOTE: (1) Defined as the amount of input voltage, VSENSE, to drive the output to zero.
INA139NA
INA169NA


Similar Part No. - INA139NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139NA/250 TI-INA139NA/250 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139NA/250 TI1-INA139NA/250 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA139NA/250G4 TI1-INA139NA/250G4 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA139NA/3K TI-INA139NA/3K Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139NA/3K TI1-INA139NA/3K Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results

Similar Description - INA139NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com