Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0207C-F Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # B0207C-F
Description  MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B0207C-F Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button B0207C-F Datasheet HTML 8Page - List of Unclassifed Manufacturers B0207C-F Datasheet HTML 9Page - List of Unclassifed Manufacturers B0207C-F Datasheet HTML 10Page - List of Unclassifed Manufacturers B0207C-F Datasheet HTML 11Page - List of Unclassifed Manufacturers B0207C-F Datasheet HTML 12Page - List of Unclassifed Manufacturers B0207C-F Datasheet HTML 13Page - List of Unclassifed Manufacturers B0207C-F Datasheet HTML 14Page - List of Unclassifed Manufacturers B0207C-F Datasheet HTML 15Page - List of Unclassifed Manufacturers B0207C-F Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2002 Oct 07
14
BCcomponents
Product specification
Professional leaded resistors
MBA 0204; MBB 0207;
MBE 0414
stability for product
types:
STABILITY
CLASS 0,5
STABILITY
CLASS 1
STABILITY
CLASS 2
MBA 0204
1
Ω to 332 kΩ
0,22
Ω to < 1 Ω
> 332 k
MBB 0207
1
Ω to 1 MΩ
0,22
Ω to < 1 Ω
> 1 M
MBE 0414
1
Ω to 2,4 MΩ
0,22
Ω to < 1 Ω
> 2,4 M
4.25.3
endurance at
upper
category
temperature
125
°C; 1000 h
±(0,25% + 0,05 Ω)
±(0,5% + 0,05 Ω)
±1%
155
°C; 1000 h
±(0,5% + 0,05 Ω)
±(1% + 0,05 Ω)
±2%
4.24
3 (Ca)
damp heat,
steady state
40
±2 °C; 56 days;
93 +2/
−3% RH
±(0,5% + 0,05 Ω)
±(1% + 0,05 Ω)
±2%
4.23
climatic
sequence:
4.23.2
2 (Ba)
dry heat
155
°C; 16 h
4.23.3
30 (Db)
damp
heat,
cyclic
55
°C; 24 h;
90 to 100 % RH;
1 cycle
4.23.4
1 (Aa)
cold
−55 °C; 2 h
4.23.5
13 (M)
low air
pressure
8,5 kPa; 2 h;
15 to 35
°C
4.23.6
30 (Db)
damp
heat,
cyclic
55
°C; 5 days;
95 to 100 % RH;
5 cycles
±(0,5% + 0,05 Ω)
no visible
damage
±(1% + 0,05 Ω)
no visible
damage
±2%
no visible
damage
1 (Aa)
cold
−55 °C; 2 h
±(0,1% + 0,01 Ω)
±(0,25% + 0,05 Ω)
±0,5%
4.13
short time
overload
room temperature;
U = 2,5
×
or
U = 2
× Umax; 5 s
±(0,1% + 0,01 Ω)
no visible
damage
±(0,25% + 0,05 Ω)
no visible
damage
±0,5%
no visible
damage
4.19
14 (Na)
rapid change
of
temperature
30 minutes at LCT
and
30 minutes at UCT;
5cycles
±(0,1 % + 0,01 Ω)
no visible
damage
±(0,25% + 0,05 Ω)
no visible
damage
±0,5%
no visible
damage
4.29
45 (XA)
component
solvent
resistance
isopropyl alcohol
+23
°C; toothbrush
method
marking legible;
no visible damage
4.18.2
20 (Tb)
resistance to
soldering
heat
unmounted
components;
260
± 5 °C;
10
± 1s
±(0,1% + 0,01 Ω)
no visible
damage
±(0,25% + 0,05 Ω)
no visible
damage
±0,5%
no visible
damage
4.17
20 (Ta)
solderability
+235
°C; 2 s
solder bath method
good tinning (
≥ 95% covered); no visible damage
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
∆R/R)
P70 R
×


Similar Part No. - B0207C-F

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results

Similar Description - B0207C-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMB02070C2709FB200 VISHAY-MMB02070C2709FB200 Datasheet
241Kb / 13P
   MMU 0102, MMA 0204, MMB 0207 - Professional
Revision: 05-Mar-12
MRS25000C7681FCT00 VISHAY-MRS25000C7681FCT00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
logo
List of Unclassifed Man...
MRS16 ETC1-MRS16 Datasheet
121Kb / 4P
   Professional leaded resistors
logo
Vishay Siliconix
MRS25000C3011FCT00 VISHAY-MRS25000C3011FCT00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MRS25000C1003FCT00 VISHAY-MRS25000C1003FCT00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com