Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP121AIDBVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP121AIDBVRG4
Description  1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP121AIDBVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TMP121AIDBVRG4 Datasheet HTML 1Page - Texas Instruments TMP121AIDBVRG4 Datasheet HTML 2Page - Texas Instruments TMP121AIDBVRG4 Datasheet HTML 3Page - Texas Instruments TMP121AIDBVRG4 Datasheet HTML 4Page - Texas Instruments TMP121AIDBVRG4 Datasheet HTML 5Page - Texas Instruments TMP121AIDBVRG4 Datasheet HTML 6Page - Texas Instruments TMP121AIDBVRG4 Datasheet HTML 7Page - Texas Instruments TMP121AIDBVRG4 Datasheet HTML 8Page - Texas Instruments TMP121AIDBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FEATURES
D DIGITAL OUTPUT: SPI-Compatible Interface
D RESOLUTION: 12-Bit + Sign, 0.0625°C
D ACCURACY:
±1.5°C from −25°C to +85°C (max)
D LOW QUIESCENT CURRENT: 50µA (max)
D WIDE SUPPLY RANGE: 2.7V to 5.5V
D TINY SOT23-6 PACKAGE
D OPERATION TO 150°C
APPLICATIONS
D POWER-SUPPLY TEMPERATURE
MONITORING
D COMPUTER PERIPHERAL THERMAL
PROTECTION
D NOTEBOOK COMPUTERS
D CELL PHONES
D BATTERY MANAGEMENT
D OFFICE MACHINES
DESCRIPTION
The TMP121 and TMP123 are SPI-compatible tempera-
ture sensors available in the tiny SOT23-6 package.
Requiring no external components, the TMP121 and
TMP123 are capable of measuring temperatures within
2
°C of accuracy over a temperature range of −40°C to
+125
°C. Low supply current, and a supply range from 2.7V
to 5.5V, make the TMP121 and TMP123 excellent
candidates for low-power applications.
The TMP121 and TMP123 are ideal for extended thermal
measurement in a variety of communication, computer,
consumer, environmental, industrial, and instrumentation
applications.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP121
Temperature
GND
NC
NC = No Connection(1)
1
2
3
6
5
4
V+
SO
CS
SCK
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP123
NC
GND
NC = No Connection(1)
1
2
3
6
5
4
V+
SO
CS
SCK
Temperature
(1) Pins labeled NC should be left floating or connected to GND.
TMP121
TMP123
SBOS273C − JUNE 2003 − REVISED FEBRUARY 2005
1.5
°C Accurate Digital Temperature Sensor
with SPI
 Interface
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003−2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - TMP121AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP121AIDBVR BURR-BROWN-TMP121AIDBVR Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
More results

Similar Description - TMP121AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_06 Datasheet
421Kb / 11P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 3; 4/06
MAX6627 MAXIM-MAX6627_08 Datasheet
117Kb / 9P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 4; 8/08
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com