Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP121AIDBVTG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP121AIDBVTG4
Description  1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP121AIDBVTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP121AIDBVTG4 Datasheet HTML 5Page - Texas Instruments TMP121AIDBVTG4 Datasheet HTML 6Page - Texas Instruments TMP121AIDBVTG4 Datasheet HTML 7Page - Texas Instruments TMP121AIDBVTG4 Datasheet HTML 8Page - Texas Instruments TMP121AIDBVTG4 Datasheet HTML 9Page - Texas Instruments TMP121AIDBVTG4 Datasheet HTML 10Page - Texas Instruments TMP121AIDBVTG4 Datasheet HTML 11Page - Texas Instruments TMP121AIDBVTG4 Datasheet HTML 12Page - Texas Instruments TMP121AIDBVTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TMP121AIDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.2
3.1
1.39
4.0
8.0
Q3
TMP121AIDBVT
SOT-23
DBV
6
250
180.0
8.4
3.2
3.1
1.39
4.0
8.0
Q3
TMP123AIDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.2
3.1
1.39
4.0
8.0
Q3
TMP123AIDBVT
SOT-23
DBV
6
250
180.0
8.4
3.2
3.1
1.39
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 1


Similar Part No. - TMP121AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP121AIDBVT BURR-BROWN-TMP121AIDBVT Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
More results

Similar Description - TMP121AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_06 Datasheet
421Kb / 11P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 3; 4/06
MAX6627 MAXIM-MAX6627_08 Datasheet
117Kb / 9P
   Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 4; 8/08
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com