Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2222A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # N2222A
Description  NPN General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

N2222A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  N2222A Datasheet HTML 1Page - Fairchild Semiconductor N2222A Datasheet HTML 2Page - Fairchild Semiconductor N2222A Datasheet HTML 3Page - Fairchild Semiconductor N2222A Datasheet HTML 4Page - Fairchild Semiconductor N2222A Datasheet HTML 5Page - Fairchild Semiconductor N2222A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
(except MMPQ2222 and NMT2222)
fT
Current Gain - Bandwidth Product
IC = 20 mA, VCE = 20 V, f = 100 MHz
300
MHz
Cobo
Output Capacitance
VCB = 10 V, IE = 0, f = 100 kHz
8.0
pF
Cibo
Input Capacitance
VEB = 0.5 V, IC = 0, f = 100 kHz
25
pF
rb’CC
Collector Base Time Constant
IC = 20 mA, VCB = 20 V, f = 31.8 MHz
150
pS
NF
Noise Figure
IC = 100
µA, V
CE = 10 V,
RS = 1.0 k
Ω, f = 1.0 kHz
4.0
dB
Re(hie)
Real Part of Common-Emitter
High Frequency Input Impedance
IC = 20 mA, VCE = 20 V, f = 300 MHz
60
SWITCHING CHARACTERISTICS
(except MMPQ2222 and NMT2222)
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
Spice Model
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 10 mA, IB = 0
40
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
75
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
6.0
V
ICEX
Collector Cutoff Current
VCE = 60 V, VEB(OFF) = 3.0 V
10
nA
ICBO
Collector Cutoff Current
VCB = 60 V, IE = 0
VCB = 60 V, IE = 0, TA = 150
°C
0.01
10
µA
µA
IEBO
Emitter Cutoff Current
VEB = 3.0 V, IC = 0
10
nA
IBL
Base Cutoff Current
VCE = 60 V, VEB(OFF) = 3.0 V
20
nA
hFE
DC Current Gain
IC = 0.1 mA, VCE = 10 V
IC = 1.0 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V, TA = -55
°C
IC = 150 mA, VCE = 10 V*
IC = 150 mA, VCE = 1.0 V*
IC = 500 mA, VCE = 10 V*
35
50
75
35
100
50
40
300
VCE(sat)
Collector-Emitter Saturation
Voltage*
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.3
1.0
V
V
VBE(sat)
Base-Emitter Saturation Voltage*
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.6
1.2
2.0
V
V
td
Delay Time
VCC = 30 V, VBE(OFF) = 0.5 V,
10
ns
tr
Rise Time
IC = 150 mA, IB1 = 15 mA
25
ns
ts
Storage Time
VCC = 30 V, IC = 150 mA,
225
ns
tf
Fall Time
IB1 = IB2 = 15 mA
60
ns
NPN (Is=14.34f Xti=3 Eg=1.11 Vaf=74.03 Bf=255.9 Ne=1.307 Ise=14.34f Ikf=.2847 Xtb=1.5 Br=6.092 Nc=2 Isc=0
Ikr=0 Rc=1 Cjc=7.306p Mjc=.3416 Vjc=.75 Fc=.5 Cje=22.01p Mje=.377 Vje=.75 Tr=46.91n Tf=411.1p Itf=.6
Vtf=1.7 Xtf=3 Rb=10)
NPN General Purpose Amplifier
(continued)


Similar Part No. - N2222A

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
N2222A KISEMICONDUCTOR-N2222A Datasheet
83Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - N2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com