Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2222A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # N2222A
Description  NPN General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

N2222A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  N2222A Datasheet HTML 1Page - Fairchild Semiconductor N2222A Datasheet HTML 2Page - Fairchild Semiconductor N2222A Datasheet HTML 3Page - Fairchild Semiconductor N2222A Datasheet HTML 4Page - Fairchild Semiconductor N2222A Datasheet HTML 5Page - Fairchild Semiconductor N2222A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NPN General Purpose Amplifier
This device is for use as a medium power amplifier and switch
requiring collector currents up to 500 mA. Sourced from Pro-
cess 19.
PN2222A
C
B
E
TO-92
PZT2222A
B
C
C
SOT-223
E
MMBT2222A
C
B
E
SOT-23
Mark: 1P
NMT2222
MMPQ2222
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
75
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current - Continuous
1.0
A
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
SOT-6
Mark: .1B
C1
E1
C2
B1
E2
B2
1997 Fairchild Semiconductor Corporation
SOIC-16
C1
C1
C2
C2
C3
C3
C4
C4
E1
B1
E2
B2
E3
B3
E4
B4
pin #1


Similar Part No. - N2222A

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
N2222A KISEMICONDUCTOR-N2222A Datasheet
83Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - N2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com