Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2222A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # N2222A
Description  NPN General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

N2222A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  N2222A Datasheet HTML 1Page - Fairchild Semiconductor N2222A Datasheet HTML 2Page - Fairchild Semiconductor N2222A Datasheet HTML 3Page - Fairchild Semiconductor N2222A Datasheet HTML 4Page - Fairchild Semiconductor N2222A Datasheet HTML 5Page - Fairchild Semiconductor N2222A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NPN General Purpose Amplifier
(continued)
Typical Characteristics (continued)
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
150
0.1
1
10
100
500
T - AMBIENT TEMPERATURE ( C)
A
V
= 40V
CB
°
Emitter Transition and Output
Capacitance vs Reverse Bias Voltage
0.1
1
10
100
4
8
12
16
20
REVERSE BIAS VOLTAGE (V)
f = 1 MHz
C ob
C te
Turn On and Turn Off Times
vs Collector Current
10
100
1000
0
80
160
240
320
400
I
- COLLECTOR CURRENT (mA)
I
= I
=
t on
t off
B1
C
B2
I c
10
V
= 25 V
cc
Switching Times
vs Collector Current
10
100
1000
0
80
160
240
320
400
I
- COLLECTOR CURRENT (mA)
I
= I
=
t r
t s
B1
C
B2
I c
10
V
= 25 V
cc
t f
t d
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-223
TO-92
SOT-23


Similar Part No. - N2222A

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
N2222A KISEMICONDUCTOR-N2222A Datasheet
83Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - N2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com