Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5300BRT-500RL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5300BRT-500RL7
Description  2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5300BRT-500RL7 Datasheet(HTML) 4 Page - Analog Devices

  AD5300BRT-500RL7 Datasheet HTML 1Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 2Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 3Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 4Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 5Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 6Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 7Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 8Page - Analog Devices AD5300BRT-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AD5300
–4–
REV.
PIN CONFIGURATIONS
TOP VIEW
(Not to Scale)
6
5
4
1
2
3
VOUT
GND
VDD
SYNC
SCLK
DIN
AD5300
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NC
AD5300
SYNC
VOUT
GND
VDD
SCLK
DIN
NC
NC = NO CONNECT
SOT-23
MSOP
PIN FUNCTION DESCRIPTIONS
SOT-23
MSOP
Pin No.
Pin No. Mnemonic
Function
14
VOUT
Analog Output Voltage from DAC. The output amplifier has rail-to-rail operation.
28
GND
Ground Reference Point for All Circuitry on the Part.
31
VDD
Power Supply Input. These parts can be operated from 2.5 V to 5.5 V, and VDD should be decoupled
to GND.
47
DIN
Serial Data Input. This device has a 16-bit shift register. Data is clocked into the register on the
falling edge of the serial clock input.
56
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial
clock input. Data can be transferred at rates up to 30 MHz.
65
SYNC
Level Triggered Control Input (Active Low). This is the frame synchronization signal for the
input data. When
SYNC goes low, it enables the input shift register and data is transferred in on the
falling edges of the following clocks. The DAC is updated following the 16th clock cycle, unless
SYNC is taken high before this edge, in which case the rising edge of SYNC acts as an interrupt and
the write sequence is ignored by the DAC.
NC
2, 3
NC
No Connect.
D


Similar Part No. - AD5300BRT-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5300BRT-500RL7 AD-AD5300BRT-500RL7 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
More results

Similar Description - AD5300BRT-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com