Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC27C64 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NMC27C64
Description  65,536-Bit (8192 x 8) CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NMC27C64 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NMC27C64 Datasheet HTML 1Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 2Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 3Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 4Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 5Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 6Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 7Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 8Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
NMC27C64 Rev. C
Connection Diagram
Note:
Socket compatible EPROM pin configurations are shown in the blocks adjacent to the NMC27C64 pins.
VCC
PGM
NC
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C512
27512
27C256
27256
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
NMC27C64
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C32
2732
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C16
2716
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C128
27128
27C256
27256
27C512
27512
VCC
A14
A13
A8
A9
A11
OE
A10
CE/PGM
O7
O6
O5
O4
O3
VCC
A14
A13
A8
A9
A11
OE/VPP
A10
CE
O7
O6
O5
O4
O3
VCC
PGM
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
VCC
A8
A9
VPP
OE
A10
CE/PGM
O7
O6
O5
O4
O3
VCC
A8
A9
A11
OE/VPP
A10
CE
O7
O6
O5
O4
O3
27C16
2716
27C32
2732
27C128
27128
DS008634-2
Pin Names
A0–A12
Addresses
CE
Chip Enable
OE
Output Enable
O0 –O7
Outputs
PGM
Program
NC
No Connect
V
PP
Programming
Voltage
V
CC
Power Supply
GND
Ground
Commercial Temperature Range V
CC = 5V ±10%
Parameter/Order Number
Access Time (ns)
NMC27C64Q, N 150
150
NMC27C64Q, N 200
200
Extended Temp Range (-40
°C to +85°C) V
CC = 5V ±10%
Parameter/Order Number
Access Time (ns)
NMC27C64QE, NE200
200


Similar Part No. - NMC27C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NMC27C64N FAIRCHILD-NMC27C64N Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
NMC27C64Q FAIRCHILD-NMC27C64Q Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
NMC27C64QE FAIRCHILD-NMC27C64QE Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
More results

Similar Description - NMC27C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C64 FAIRCHILD-NM27C64 Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
8192 X 8 BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
32K x 8-Bit CMOS EPROM
August 1994
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
2M-BIT [256K x 8] CMOS EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
512K-BIT [64K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com