Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC27C64 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # NMC27C64
Description  65,536-Bit (8192 x 8) CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NMC27C64 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button NMC27C64 Datasheet HTML 2Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 3Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 4Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 5Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 6Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 7Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 8Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 9Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.fairchildsemi.com
NMC27C64 Rev. C
Physical Dimensions inches (millimeters) unless otherwise noted
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.
Life Support Policy
Fairchild's products are not authorized for use as critical components in life support devices or systems without the express written
approval of the President of Fairchild Semiconductor Corporation. As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b) support
or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant
injury to the user.
2. A critical component is any component of a life support device
or system whose failure to perform can be reasonably ex-
pected to cause the failure of the life support device or system,
or to affect its safety or effectiveness.
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Americas
Europe
Hong Kong
Japan Ltd.
Customer Response Center
Fax:
+44 (0) 1793-856858
8/F, Room 808, Empire Centre
4F, Natsume Bldg.
Tel. 1-888-522-5372
Deutsch
Tel:
+49 (0) 8141-6102-0
68 Mody Road, T simshatsui East
2-18-6, Yushima, Bunkyo-ku
English
Tel:
+44 (0) 1793-856856
Kowloon. Hong Kong
Tokyo, 113-0034 Japan
Français
Tel:
+33 (0) 1-6930-3696
Tel; +852-2722-8338
Tel: 81-3-3818-8840
Italiano
Tel:
+39 (0) 2-249111-1
Fax: +852-2722-8383
Fax: 81-3-3818-8841
0.625
+0.025
-0.015
0.008-0.015
(0.229-0.381)
15.88
+0.635
-0.381
0.580
(14.73)
95
° ±5°
0.600 - 0.620
(15.24 - 15.75)
0.030
(0.762)
Max
(
(
0.108
±0.010
(2.540
±0.254)
0.018
±0.003
(0.457
±0.076)
0.20
(0.508)
0.125-0.145
(3.175-3.583)
0.125-0.165
(3.175-4.191)
0.050
(1.270)
Typ
0.053 - 0.069
(1.346 - 1.753)
0.050
±0.015
(1.270
±0.381)
Min
88
° 94°
Typ
12 3 4
28 27 26 25
1.393 - 1.420
(35.38 - 36.07)
0.510
±0.005
(12.95
±0.127)
0.062
(1.575)
Pin #1
IDENT
5
24
6
23 22 21 20 19 18 17 16
7
8 9 1011 1213 14
15
RAD
Dual-In-Line Package (N)
Order Number NMC27C64N
Package Number N28B
1.260 MAX
(32.00)
24
1
13
12
0.025
(0.64)
0.030-0.055
(0.76 - 1.4)
0.270 - 0.290
(6.88 - 7.39)
UV WINDOW
0.590-0.620
(15.03 - 15.79)
0.180
(4.59)
MAX
0.060-0.100
(1.53 - 2.55)
TYP
0.050-0.060
(1.27 - 1.53)
0.015-0.021
(0.38 - 0.53)
TYP
Glass Sealant
0.020 -0.070
(0.51 - 1.78)
TYP
0.10
(2.5)
MAX
0.090-0.110
(2.29 - 2.80)
TYP
0.225
(5.73)
0.125 MIN
(3.18)
TYP
90
° - 100°
TYP
0.685
(17.40)
+0.025
(0.64)
-0.060
(-1.523)
0.008-0.015
(0.20 - 0.38)
TYP
0.514 - 0.526
(13.06 - 13.21)
R
R
TYP
TYP
MAX TYP
Dual-In-Line Package (Q)
Order Number NMC27C64Q
Package Number J28AQ


Similar Part No. - NMC27C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NMC27C64N FAIRCHILD-NMC27C64N Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
NMC27C64Q FAIRCHILD-NMC27C64Q Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
NMC27C64QE FAIRCHILD-NMC27C64QE Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
More results

Similar Description - NMC27C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C64 FAIRCHILD-NM27C64 Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
8192 X 8 BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
32K x 8-Bit CMOS EPROM
August 1994
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
2M-BIT [256K x 8] CMOS EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
512K-BIT [64K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com