Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC27C64 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NMC27C64
Description  65,536-Bit (8192 x 8) CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NMC27C64 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NMC27C64 Datasheet HTML 1Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 2Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 3Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 4Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 5Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 6Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 7Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 8Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.fairchildsemi.com
NMC27C64 Rev. C
NMC27C64
65,536-Bit (8192 x 8) CMOS EPROM
General Description
The NMC27C64 is a 64K UV erasable, electrically reprogrammable
and one-time programmable (OTP) CMOS EPROM ideally suited
for applications where fast turnaround, pattern experimentation
and low power consumption are important requirements.
The NMC27C64 is designed to operate with a single +5V power
supply with
±10% tolerance. The CMOS design allows the part to
operate over extended and military temperature ranges.
The NMC27C64Q is packaged in a 28-pin dual-in-line package
with a quartz window. The quartz window allows the user to
expose the chip to ultraviolet light to erase the bit pattern. A new
pattern can then be written electrically into the device by following
the programming procedure.
The NMC27C64N is packaged in a 28-pin dual-in-line plastic
molded package without a transparent lid. This part is ideally
Block Diagram
January 1999
suited for high volume production applications where cost is an
important factor and programming only needs to be done once.
This family of EPROMs are fabricated with Fairchild’s proprietary,
time proven CMOS double-poly silicon gate technology which
combines high performance and high density with low power
consumption and excellent reliability.
Features
s High performance CMOS
— 150 ns access time
s JEDEC standard pin configuration
— 28-pin Plastic DIP package
— 28-pin CERDIP package
s Drop-in replacement for 27C64 or 2764
s Manufacturers identification code
DS008634-1
Output Enable,
Chip Enable, and
Program Logic
Y Decoder
X Decoder
Output
Buffers
65,536-Bit
Cell Matrix
Data Outputs O0 - O7
VCC
GND
VPP
OE
PGM
CE
A0 - A12
Address
Inputs
© 1998 Fairchild Semiconductor Corporation


Similar Part No. - NMC27C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NMC27C64N FAIRCHILD-NMC27C64N Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
NMC27C64Q FAIRCHILD-NMC27C64Q Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
NMC27C64QE FAIRCHILD-NMC27C64QE Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
More results

Similar Description - NMC27C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C64 FAIRCHILD-NM27C64 Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
8192 X 8 BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
32K x 8-Bit CMOS EPROM
August 1994
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
2M-BIT [256K x 8] CMOS EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
512K-BIT [64K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com