Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC27C64 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # NMC27C64
Description  65,536-Bit (8192 x 8) CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NMC27C64 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button NMC27C64 Datasheet HTML 2Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 3Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 4Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 5Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 6Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 7Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 8Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 9Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
NMC27C64 Rev. C
Functional Description
DEVICE OPERATION
The six modes of operation of the NMC27C64 are listed in Table
1. It should be noted that all inputs for the six modes are at TTL
levels. The power supplies required are V
CC and VPP. The VPP
power supply must be at 12.75V during the three programming
modes, and must be at 5V in the other three modes. The V
CC
power supply must be at 6V during the three programming modes,
and at 5V in the other three modes.
Read Mode
The NMC27C64 has two control functions, both of which must be
logically active in order to obtain data at the outputs. Chip Enable
(CE) is the power control and should be used for device selection.
Output Enable (OE) is the output control and should be used to
gate data to the output pins, independent of device selection. The
programming pin (PGM) should be at V
IH except during program-
ming. Assuming that addresses are stable, address access time
(t
ACC) is equal to the delay from CE to output (tCE). Data is available
at the outputs t
OE after the falling edge of OE , assuming that CE
has been low and addresses have been stable for at least tACC
t
OE.
The sense amps are clocked for fast access time. VCC should
therefore be maintained at operating voltage during read and
verify. If V
CC temporarily drops below the spec. voltage (but not to
ground) an address transition must be performed after the drop to
insure proper output data.
Standby Mode
The NMC27C64 has a standby mode which reduces the active
power dissipation by 99%, from 55 mW to 0.55 mW. The
NMC27C64 is placed in the standby mode by applying a CMOS
high signal to the CE input. When in standby mode, the outputs are
in a high impedance state, independent of the OE input.
Output OR-Tying
Because NMC27C64s are usually used in larger memory arrays,
Fairchild has provided a 2-line control function that accommo-
dates this use of multiple memory connections. The 2-line control
function allows for:
1. the lowest possible memory power dissipation, and
2. complete assurance that output bus contention will not
occur.
To most efficiently use these two control lines, it is recomended
that CE (pin 20) be decoded and used as the primary device
selecting function, while OE (pin 22) be made a common connec-
tion to all devices in the array and connected to the READ line from
the system control bus. This assures that all deselected memory
devices are in their low power standby modes and that the output
pins are active only when data is desired from a particular memory
device.
Programming
CAUTION: Exceeding 14V on pin 1 (VPP) will damage the
NMC27C64.
Initially, all bits of the NMC27C64 are in the “1” state. Data is
introduced by selectively programming “0s” into the desired bit
locations. Although only “0s” will be programmed, both “1s” and
“0s” can be presented in the data word. A “0” cannot be changed
to a “1” once the bit has been programmed.
The NMC27C64 is in the programming mode when the VPP power
supply is at 12.75V and OE is at V
IH. It is required that at least a
0.1
µF capacitor be placed across V
PP, VCC to ground to suppress
spurious voltage transients which may damage the device. The
data to be programmed is applied 8 bits in parallel to the data
output pins. The levels required for the address and data inputs
are TTL.
For programming, CE should be kept TTL low at all times while V
PP
is kept at 12.75V.
When the address and data are stable, an active low, TTL program
pulse is applied to the PGM input. A program pulse must be
applied at each address location to be programmed. The
NMC27C64 is programmed with the Fast Programming Algorithm
shown in Figure 1. Each address is programmed with a series of
100
µs pulses until it verfies good, up to a maximum of 25 pulses.
Most memory cells will program with a single 100
µs pulse. The
NMC27C64 must not be programmed with a DC signal applied to
the PGM input.
Programming multiple NMC27C64s in parallel with the same data
can be easily accomplished due to the simplicity of the program-
ming requirements. Like inputs of the paralleled NMC27C64s may
be connected together when they are programmed with the same
data. A low level TTL pulse applied to the PGM input programs the
paralleled NMC27C64s. If an application requires erasing and
reprogramming, the NMC27C64Q UV erasable PROM in a win-
dowed package should be used.
TABLE 1. Mode Selection
Pins
CE
OE
PGM
V
PP
V
CC
Outputs
Mode
(20)
(22)
(27)
(1)
(28)
(11–13, 15–19)
Read
V
IL
V
IL
V
IH
5V
5V
D
OUT
Standby
V
IH
Don’t Care
Don’t Care
5V
5V
Hi-Z
Output Disable
Don’t Care
V
IH
V
IH
5V
5V
Hi-Z
Program
V
IL
V
IH
13V
6V
D
IN
Program Verify
V
IL
V
IL
V
IH
13V
6V
D
OUT
Program Inhibit
V
IH
Don’t Care
Don’t Care
13V
6V
Hi-Z


Similar Part No. - NMC27C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NMC27C64N FAIRCHILD-NMC27C64N Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
NMC27C64Q FAIRCHILD-NMC27C64Q Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
NMC27C64QE FAIRCHILD-NMC27C64QE Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
More results

Similar Description - NMC27C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C64 FAIRCHILD-NM27C64 Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
8192 X 8 BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
32K x 8-Bit CMOS EPROM
August 1994
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
2M-BIT [256K x 8] CMOS EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
512K-BIT [64K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com