Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC27C64 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NMC27C64
Description  65,536-Bit (8192 x 8) CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NMC27C64 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NMC27C64 Datasheet HTML 1Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 2Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 3Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 4Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 5Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 6Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 7Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 8Page - Fairchild Semiconductor NMC27C64 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
NMC27C64 Rev. C
Programming Characteristics (Note 11) (Note 12) (Note 13) (Note 14)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
AS
Address Setup Time
2
µs
tOES
OE Setup Time
2
µs
t
CES
CE Setup Time
2
µs
tDS
Data Setup Time
2
µs
t
VPS
V
PP Setup Time
2
µs
tVCS
VCC Setup Time
2
µs
t
AH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
t
DF
Output Enable to
CE = V
IL
0
130
ns
Output Float Delay
t
PW
Program Pulse Width
0.45
0.5
0.55
ms
t
OE
Data Valid from OE
CE = V
IL
150
ns
I
PP
V
PP Supply Current During
CE = V
IL
30
mA
Programming Pulse
PGM = V
IL
ICC
VCC Supply Current
10
mA
T
A
Temperature Ambient
20
25
30
˚C
VCC
Power Supply Voltage
5.75
6.0
6.25
V
V
PP
Programming Supply Voltage
12.2
13.0
13.3
V
tFR
Input Rise, Fall Time
5
ns
V
IL
Input Low Voltage
0.0
0.45
V
VIH
Input High Voltage
2.4
4.0
V
t
IN
Input Timing Reference Voltage
0.8
1.5
2.0
V
tOUT
Output Timing Reference Voltage
0.8
1.5
2.0
V


Similar Part No. - NMC27C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NMC27C64N FAIRCHILD-NMC27C64N Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
NMC27C64Q FAIRCHILD-NMC27C64Q Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
NMC27C64QE FAIRCHILD-NMC27C64QE Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
More results

Similar Description - NMC27C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C64 FAIRCHILD-NM27C64 Datasheet
168Kb / 10P
65,536-BIT (8192 X 8) CMOS EPROM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
8192 X 8 BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
32K x 8-Bit CMOS EPROM
August 1994
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
2M-BIT [256K x 8] CMOS EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
512K-BIT [64K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com