Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1903646-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 1903646-1
Description  Spring Fingers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1903646-1 Datasheet(HTML) 6 Page - Tyco Electronics

  1903646-1 Datasheet HTML 1Page - Tyco Electronics 1903646-1 Datasheet HTML 2Page - Tyco Electronics 1903646-1 Datasheet HTML 3Page - Tyco Electronics 1903646-1 Datasheet HTML 4Page - Tyco Electronics 1903646-1 Datasheet HTML 5Page - Tyco Electronics 1903646-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
While TE has made every reasonable effort to ensure the accuracy of the information in this brochure, TE does not guarantee that it is
error-free, nor does TE make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current.
TE reserves the right to make any adjustments to the inf ormation contained herein at any time without notice. TE expressly disclaims all
implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or
fitness for a particular purpose. The dimensions in this catalog are for reference purposes only and are subject to change without notice.
Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications.
te.com
Frequently asked questions
© 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
6-1773460-8 CS 03/2013
Blu-ray™ is a trademark of the Blu-ray Disc. Association.
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks. Other logos, product
and/or Company names might be trademarks of their respective owners.
Question1
Why would I use a pre-loaded spring finger in an application?
Answer1
A pre-loaded spring finger allows you to get the same amount of force,
but with a smaller compression. A pre-loaded spring finger provides a
stable electrical contact with minimal deflection. Sometimes these are
preferred when there is limited height available in an application.
Question2
What style of spring finger is best for my application?
Answer2
Spring fingers are typically one of the last pieces added to a board. The
type to be used is dependent upon the height and space left on the
board. The decision of what type of spring finger to use is typically
based on personal preference.
Question3
Can the types of spring fingers be mixed in an application?
Answer3
Yes, an application can have multiple spring fingers and more than one
type. For example, there can be simple C types used for grounding
between the device and the PCB and then multiple pre-loaded spring
fingers on the board for shielding or other simple connections.
FOR MORE INFORMATION
For other country number go to te.com/supportcenter
Part numbers in this brochure are RoHS Compliant*, unless marked otherwise.
*as defined www.te.com/leadfree
Austria:
+43 (0) 1-9056-0
Baltic Regions:
+44 (0) 1-382508080
Canada:
+1 (800) 522-6752
China:
+86 (0) 400-820-6015
France:
+33 (0) 1-3420-8686
Germany:
+49 (0) 6151-607-1999
Italy:
+39 (0) 011-401-2111
Latin/S. America: +54 (0) 11-4733-2200
Mexico:
+52 (0) 55-1106-0800
Netherlands:
+31 (0) 73-6246-999
Nordic:
+46 (0) 8-5072-5000
Spain/Portugal:
+34 (0) 932-910-330
Switzerland:
+41 (0) 71-447-0447
UK:
+44 (0) 800-267666
USA:
+1 (800) 522-6752
TE Technical Support Center


Similar Part No. - 1903646-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190360001 MOLEX4-190360001 Datasheet
126Kb / 2P
   Avikrimp??Snap Plug, for 18-22 AWG Wire, Box, 24.31mm (.957") Length
190360002 MOLEX4-190360002 Datasheet
126Kb / 2P
   Avikrimp??Snap Plug, for 18-22 AWG Wire, Mylar Tape, 24.31mm (.957") Length
190360003 MOLEX4-190360003 Datasheet
126Kb / 2P
   Avikrimp??Snap Plug, for 18-22 AWG Wire, Box, 22.78mm (.897") Length
190360009 MOLEX4-190360009 Datasheet
127Kb / 2P
   Avikrimp??Snap Plug, for 14-16 AWG Wire, Box, 22.78mm (.897") Length
More results

Similar Description - 1903646-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747500300 MOLEX11-0747500300 Datasheet
37Kb / 1P
   QSFP Heat Sink for 1x1 EMI Cages with Spring Fingers
0747500304 MOLEX11-0747500304 Datasheet
48Kb / 1P
   QSFP Heat Sink for 1x1 EMI Cages with Spring Fingers
0747500303 MOLEX11-0747500303 Datasheet
37Kb / 1P
   QSFP Heat Sink for 1x1 EMI Cages with Spring Fingers
logo
TE Connectivity Ltd
C-2289129 TEC-C-2289129 Datasheet
9Mb / 6P
   ZQSFP 2X2 WITH EMI SPRING FINGERS 4 INTERNAL LIGHT PIPES
logo
Molex Electronics Ltd.
0747540102 MOLEX1-0747540102 Datasheet
43Kb / 1P
   SFP Cage, Single Port, EMI Spring Fingers, 2.28mm Press Fit Pins
0747500023 MOLEX11-0747500023 Datasheet
50Kb / 1P
   QSFP Cage Assembly with Open Top, No Rear Legs, Spring Fingers
0747500042 MOLEX11-0747500042 Datasheet
35Kb / 1P
   QSFP Cage Assembly with Heat Sink, without Rear Legs, EMI Spring Fingers
1000151341 MOLEX1-1000151341 Datasheet
40Kb / 2P
   zQSFP 1x2 Cage Assembly with Spring Fingers, Open Top, No Rear Pins,
1000151344 MOLEX1-1000151344 Datasheet
40Kb / 2P
   zQSFP 1x2 Cage Assembly with Spring Fingers, Open Top, 1 Rear Pin
1000151544 MOLEX1-1000151544 Datasheet
40Kb / 2P
   zQSFP 1x2 Cage Assembly with Spring Fingers, Open Top, 1 Rear Pin
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com