Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1903646-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1903646-1
Description  Spring Fingers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1903646-1 Datasheet(HTML) 3 Page - Tyco Electronics

  1903646-1 Datasheet HTML 1Page - Tyco Electronics 1903646-1 Datasheet HTML 2Page - Tyco Electronics 1903646-1 Datasheet HTML 3Page - Tyco Electronics 1903646-1 Datasheet HTML 4Page - Tyco Electronics 1903646-1 Datasheet HTML 5Page - Tyco Electronics 1903646-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Pre-loaded spring fingers are
recommended when a stable electrical
contact with minimal deflection is
needed. The force change is minimized
over working range of the spring finger.
Pick-and-place area
for
Φ 0.75mm nozzle
pre-load function
Locking for prevention of
overstretching due to sideways
force
Contact can deflect to
the bottom of spring
finger without
permanent deformation
Spring finger family with a common footprint
in scalable heights.
Box
C
Y
The scalable family of spring fingers
oers the same benefits as pre-loaded
spring fingers, but with a common
footprint.
Scalable Pre-loaded
Pre-loaded
Radius on both sides of tip
to remove sharp edges
Standard Box or C type
spring fingers both have
simple geometry for
easy application.
Ultra low profile, Y type spring fingers, are used
in applications where low eective heights are
needed.
Types of Spring Fingers
Scalable Spring Finger Key Features
Spring Fingers
TE Connectivity
te.com/products/Spring-Fingers
Standard-flat contact
Ultra low profile
Pre-Loaded-Round or Flat Contact
Pre-loaded Scalable
Tip bent backwards to prevent hooking
Holes provide
increased soldering
strength and reduce
solder wicking
Dimple on the
contact to enhance
the contact force


Similar Part No. - 1903646-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190360001 MOLEX4-190360001 Datasheet
126Kb / 2P
   Avikrimp??Snap Plug, for 18-22 AWG Wire, Box, 24.31mm (.957") Length
190360002 MOLEX4-190360002 Datasheet
126Kb / 2P
   Avikrimp??Snap Plug, for 18-22 AWG Wire, Mylar Tape, 24.31mm (.957") Length
190360003 MOLEX4-190360003 Datasheet
126Kb / 2P
   Avikrimp??Snap Plug, for 18-22 AWG Wire, Box, 22.78mm (.897") Length
190360009 MOLEX4-190360009 Datasheet
127Kb / 2P
   Avikrimp??Snap Plug, for 14-16 AWG Wire, Box, 22.78mm (.897") Length
More results

Similar Description - 1903646-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747500300 MOLEX11-0747500300 Datasheet
37Kb / 1P
   QSFP Heat Sink for 1x1 EMI Cages with Spring Fingers
0747500304 MOLEX11-0747500304 Datasheet
48Kb / 1P
   QSFP Heat Sink for 1x1 EMI Cages with Spring Fingers
0747500303 MOLEX11-0747500303 Datasheet
37Kb / 1P
   QSFP Heat Sink for 1x1 EMI Cages with Spring Fingers
logo
TE Connectivity Ltd
C-2289129 TEC-C-2289129 Datasheet
9Mb / 6P
   ZQSFP 2X2 WITH EMI SPRING FINGERS 4 INTERNAL LIGHT PIPES
logo
Molex Electronics Ltd.
0747540102 MOLEX1-0747540102 Datasheet
43Kb / 1P
   SFP Cage, Single Port, EMI Spring Fingers, 2.28mm Press Fit Pins
0747500023 MOLEX11-0747500023 Datasheet
50Kb / 1P
   QSFP Cage Assembly with Open Top, No Rear Legs, Spring Fingers
0747500042 MOLEX11-0747500042 Datasheet
35Kb / 1P
   QSFP Cage Assembly with Heat Sink, without Rear Legs, EMI Spring Fingers
1000151341 MOLEX1-1000151341 Datasheet
40Kb / 2P
   zQSFP 1x2 Cage Assembly with Spring Fingers, Open Top, No Rear Pins,
1000151344 MOLEX1-1000151344 Datasheet
40Kb / 2P
   zQSFP 1x2 Cage Assembly with Spring Fingers, Open Top, 1 Rear Pin
1000151544 MOLEX1-1000151544 Datasheet
40Kb / 2P
   zQSFP 1x2 Cage Assembly with Spring Fingers, Open Top, 1 Rear Pin
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com