Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDT86244 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDT86244
Description  N-Channel Power Trench MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT86244 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDT86244 Datasheet HTML 1Page - Fairchild Semiconductor FDT86244 Datasheet HTML 2Page - Fairchild Semiconductor FDT86244 Datasheet HTML 3Page - Fairchild Semiconductor FDT86244 Datasheet HTML 4Page - Fairchild Semiconductor FDT86244 Datasheet HTML 5Page - Fairchild Semiconductor FDT86244 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.fairchildsemi.com
5
©2011 Fairchild Semiconductor Corporation
FDT86244 Rev.C
Figure 13.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.001
0.01
0.1
1
SINGLE PULSE
RθJA = 118
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Junction-to-Ambient Transient Thermal Response Curve
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDT86244

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FDT86244 KEXIN-FDT86244 Datasheet
2Mb / 5P
N-Channel Enhancement MOSFET
logo
Skyworks Solutions Inc.
FDT86244 SKYWORKS-FDT86244 Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
FDT86244 SKYWORKS-FDT86244 Datasheet
1Mb / 59P
SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
More results

Similar Description - FDT86244

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
NDT70N06 KEXIN-NDT70N06 Datasheet
586Kb / 5P
N-Channel Trench Power MOSFET
NDT90N04 KEXIN-NDT90N04 Datasheet
255Kb / 2P
N-Channel Trench Power MOSFET
logo
SHENZHEN FUMAN ELECTRON...
3090K FUMAN-3090K Datasheet
567Kb / 5P
N-Channel Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM1607D HMSEMI-HM1607D Datasheet
874Kb / 6P
N-Channel Trench Power MOSFET
logo
Leshan Radio Company
LN7610DT1WG LRC-LN7610DT1WG Datasheet
822Kb / 6P
N-Channel Power Trench MOSFET
LNB86085DT0AG LRC-LNB86085DT0AG Datasheet
395Kb / 5P
N-Channel Power Trench MOSFET
S-LN7610DT1WG LRC-S-LN7610DT1WG Datasheet
826Kb / 6P
N-Channel Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM1607 HMSEMI-HM1607 Datasheet
661Kb / 6P
N-Channel Trench Power MOSFET
HM4030D HMSEMI-HM4030D Datasheet
850Kb / 6P
N-Channel Trench Power MOSFET
HM4030 HMSEMI-HM4030 Datasheet
410Kb / 6P
N-Channel Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com