Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDT86244 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDT86244
Description  N-Channel Power Trench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT86244 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDT86244 Datasheet HTML 1Page - Fairchild Semiconductor FDT86244 Datasheet HTML 2Page - Fairchild Semiconductor FDT86244 Datasheet HTML 3Page - Fairchild Semiconductor FDT86244 Datasheet HTML 4Page - Fairchild Semiconductor FDT86244 Datasheet HTML 5Page - Fairchild Semiconductor FDT86244 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
©2011 Fairchild Semiconductor Corporation
FDT86244 Rev.C
Figure 7.
01
2
3
45
0
2
4
6
8
10
ID = 2.8 A
VDD = 100 V
VDD = 50 V
Qg, GATE CHARGE (nC)
VDD = 75 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1
10
100
1000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
1
2
4
6
8
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
1
2
3
4
5
6
VGS = 6 V
RθJC = 12
o
C/W
VGS = 10 V
T
C
, CASE TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs Case Temperature
Figure 11. Forward Bias Safe
Operating Area
0.1
1
10
100
500
0.005
0.01
0.1
1
10
20
100 us
1 ms
1 s
10 ms
DC
10 s
100 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 118
oC/W
TA = 25
oC
Figure 12. Single Pulse Maximum
Power Dissipation
10
-4
10
-3
10
-2
10
-1
110
100
1000
1
10
100
500
SINGLE PULSE
RθJA = 118
oC/W
TA = 25
oC
t, PULSE WIDTH (sec)
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDT86244

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FDT86244 KEXIN-FDT86244 Datasheet
2Mb / 5P
   N-Channel Enhancement MOSFET
logo
Skyworks Solutions Inc.
FDT86244 SKYWORKS-FDT86244 Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
FDT86244 SKYWORKS-FDT86244 Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
More results

Similar Description - FDT86244

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1607D HMSEMI-HM1607D Datasheet
874Kb / 6P
   N-Channel Trench Power MOSFET
logo
Leshan Radio Company
LN7610DT1WG LRC-LN7610DT1WG Datasheet
822Kb / 6P
   N-Channel Power Trench MOSFET
LNB86085DT0AG LRC-LNB86085DT0AG Datasheet
395Kb / 5P
   N-Channel Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM4030 HMSEMI-HM4030 Datasheet
410Kb / 6P
   N-Channel Trench Power MOSFET
logo
Leshan Radio Company
S-LN7610DT1WG LRC-S-LN7610DT1WG Datasheet
826Kb / 6P
   N-Channel Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM4030D HMSEMI-HM4030D Datasheet
850Kb / 6P
   N-Channel Trench Power MOSFET
logo
Guangdong Kexin Industr...
NDT70N06 KEXIN-NDT70N06 Datasheet
586Kb / 5P
   N-Channel Trench Power MOSFET
NDT90N04 KEXIN-NDT90N04 Datasheet
255Kb / 2P
   N-Channel Trench Power MOSFET
logo
SHENZHEN FUMAN ELECTRON...
3090K FUMAN-3090K Datasheet
567Kb / 5P
   N-Channel Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM1607 HMSEMI-HM1607 Datasheet
661Kb / 6P
   N-Channel Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com