Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH30N120FTDTU Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FGH30N120FTDTU
Description  Field stop trench technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH30N120FTDTU Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FGH30N120FTDTU Datasheet HTML 1Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 2Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 3Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 4Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 5Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 6Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 7Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 8Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
www.fairchildsemi.com
FGH30N120FTD
Rev. A
Typical Performance Characteristics
Figure 13. Turn-on Characteristics vs.
Figure 14. Turn-off Characteristics vs.
Collector Current
Collector Current
Figure 15. Switching Loss vs. Gate Resistance
Figure 16. Switching Loss vs. Collector Current
Figure 17. Turn off Switching SOA Characteristics
Figure 18. Forward Characteristics
10
20
30
40
50
10
100
1000
Common Emitter
VGE = 15V, RG = 10
T
C = 25
o
C
T
C = 125
o
C
t
r
t
d(on)
Collector Current, IC [A]
10
20
30
40
50
100
1000
Common Emitter
VGE = 15V, RG = 10
T
C = 25
o
C
T
C = 125
o
C
t
d(off)
t
f
Collector Current, IC [A]
1200
0
2040
6080
100
0.1
1
10
Common Emitter
V
CC = 600V, VGE = 15V
I
C = 30A
T
C = 25
o
C
T
C = 125
o
C
E
on
E
off
Gate Resistance, RG []
10
20
30
40
50
0.1
1
10
Common Emitter
V
GE = 15V, RG = 10
T
C = 25
o
C
T
C = 125
o
C
E
on
E
off
Collector Current, IC [A]
1
10
100
1000
1
10
100
Safe Operating Area
V
GE = 15V, TC = 125
o
C
Collector-Emitter Voltage, VCE [V]
2000
0.0
0.5
1.0
1.5
0.1
1
10
100
TJ = 25
o
C
T
C = 25
o
C
T
C = 125
o
C
TJ = 125
o
C
Forward Voltage, VF [V]


Similar Part No. - FGH30N120FTDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
   Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
FGH30N60LSDTU FAIRCHILD-FGH30N60LSDTU Datasheet
714Kb / 9P
   Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
More results

Similar Description - FGH30N120FTDTU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC40T60E INFINEON-SIGC40T60E Datasheet
291Kb / 9P
   600V trench & field stop technology
Rev. 2.3, 19.07.2017
SIGC10T60E INFINEON-SIGC10T60E Datasheet
283Kb / 9P
   600V trench & field stop technology
Rev. 2.2, 19.07.2017
SIGC08T60SE INFINEON-SIGC08T60SE Datasheet
286Kb / 9P
   600V trench & field stop technology
Rev. 2.1, 20.07.2017
SIGC06T60E INFINEON-SIGC06T60E Datasheet
290Kb / 9P
   600V trench & field stop technology
Rev. 2.2, 19.07.2017
IGC31T65QE INFINEON-IGC31T65QE Datasheet
228Kb / 4P
   650V Trench & Field Stop technology
Rev 1.0, 01.08.2012
IGC28T65T8M INFINEON-IGC28T65T8M Datasheet
78Kb / 5P
   650V Trench & Field Stop technology
Edition 1.1, 05.04.2012
IGC50T120T8RL INFINEON-IGC50T120T8RL Datasheet
340Kb / 9P
   1200V trench & field stop technology
Rev. 2.1, 20.08.2015
IGC39T65QE INFINEON-IGC39T65QE Datasheet
227Kb / 4P
   650V Trench & Field Stop technology
Edition 1.0, 01.08.2012
IGC189T120T8RL INFINEON-IGC189T120T8RL Datasheet
328Kb / 9P
   1200V trench & field stop technology
Rev. 2.0, 09.09.2016
SIGC54T65R3E INFINEON-SIGC54T65R3E Datasheet
348Kb / 9P
   650V trench & field stop technology
Rev. 2.0, 04.11.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com