Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH30N120FTDTU Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FGH30N120FTDTU
Description  Field stop trench technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH30N120FTDTU Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGH30N120FTDTU Datasheet HTML 1Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 2Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 3Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 4Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 5Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 6Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 7Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 8Page - Fairchild Semiconductor FGH30N120FTDTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FGH30N120FTD
Rev. A
Typical Performance Characteristics
Figure 7. Saturation Voltage vs. VGE
Figure 8. Capacitance Characteristics
Figure 9. Gate charge Characteristics
Figure 10. SOA Characteristics
Figure 11. Turn-on Characteristics vs.
Figure 12. Turn-off Characteristics vs.
Gate Resistance
04
8
12
16
20
0
4
8
12
16
20
60A
IC = 15A
30A
Common Emitter
TC = 125
o
C
Gate-Emitter Voltage, VGE [V]
110
0
2000
4000
6000
8000
Common Emitter
VGE = 0V, f = 1MHz
TC = 25
o
C
C
res
C
oes
C
ies
Collector-Emitter Voltage, VCE [V]
30
0
50
100
150
200
250
0
3
6
9
12
15
Common Emitter
TC = 25
o
C
600V
400V
V
CC = 200V
Gate Charge, Qg [nC]
1
10
100
1000 3000
0.01
0.1
1
10
100
200
1ms
10 ms
DC
*Notes:
1. TC = 25
o
C
2. TJ = 150
o
C
3. Single Pulse
10µs
100µs
Collector-Emitter Voltage, VCE [V]
0
204060
80
100
10
100
500
Common Emitter
VCC = 600V, VGE = 15V
IC = 30A
TC = 25
o
C
TC = 125
o
C
t
d(on)
t
r
Gate Resistance, RG []
0
20406080
100
50
100
1000
2000
Common Emitter
VCC = 600V, VGE = 15V
IC = 30A
TC = 25
o
C
TC = 125
o
C
t
d(off)
t
f
Gate Resistance, RG []
Gate Resistance


Similar Part No. - FGH30N120FTDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
   Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
FGH30N60LSDTU FAIRCHILD-FGH30N60LSDTU Datasheet
714Kb / 9P
   Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
177Kb / 8P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
259Kb / 11P
   600V, SMPS II Series N-Channel IGBT
FGH30N6S2 FAIRCHILD-FGH30N6S2 Datasheet
179Kb / 8P
   600V, SMPS II Series N-Channel IGBT
More results

Similar Description - FGH30N120FTDTU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC40T60E INFINEON-SIGC40T60E Datasheet
291Kb / 9P
   600V trench & field stop technology
Rev. 2.3, 19.07.2017
SIGC10T60E INFINEON-SIGC10T60E Datasheet
283Kb / 9P
   600V trench & field stop technology
Rev. 2.2, 19.07.2017
SIGC08T60SE INFINEON-SIGC08T60SE Datasheet
286Kb / 9P
   600V trench & field stop technology
Rev. 2.1, 20.07.2017
SIGC06T60E INFINEON-SIGC06T60E Datasheet
290Kb / 9P
   600V trench & field stop technology
Rev. 2.2, 19.07.2017
IGC31T65QE INFINEON-IGC31T65QE Datasheet
228Kb / 4P
   650V Trench & Field Stop technology
Rev 1.0, 01.08.2012
IGC28T65T8M INFINEON-IGC28T65T8M Datasheet
78Kb / 5P
   650V Trench & Field Stop technology
Edition 1.1, 05.04.2012
IGC50T120T8RL INFINEON-IGC50T120T8RL Datasheet
340Kb / 9P
   1200V trench & field stop technology
Rev. 2.1, 20.08.2015
IGC39T65QE INFINEON-IGC39T65QE Datasheet
227Kb / 4P
   650V Trench & Field Stop technology
Edition 1.0, 01.08.2012
IGC189T120T8RL INFINEON-IGC189T120T8RL Datasheet
328Kb / 9P
   1200V trench & field stop technology
Rev. 2.0, 09.09.2016
SIGC54T65R3E INFINEON-SIGC54T65R3E Datasheet
348Kb / 9P
   650V trench & field stop technology
Rev. 2.0, 04.11.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com