Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR3060PT Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # MUR3060PT
Description  ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR3060PT Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  MUR3060PT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR3060PT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR3060PT Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR3060PT Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR3060PT Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR3060PT Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MUR3060PT Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MUR3020PT, MUR3040PT, MUR3060PT
http://kersemi.com
4
MUR3040PT
100
0.1
0.2
0.3
0.5
1
2
3
5
10
20
30
50
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 6. Typical Forward Voltage (Per Leg)
100
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
0
50
100
150
200
250
300
350
400
450
500
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Typical Reverse Current (Per Leg)
16
14
12
10
8
6
4
2
0
140
150
160
170
180
TC, CASE TEMPERATURE (5C)
Figure 8. Current Derating, Case (Per Leg)
dc
14
12
10
8
6
4
2
0
0
120
140
160
180
200
TA, AMBIENT TEMPERATURE (5C)
Figure 9. Current Derating, Ambient (Per Leg)
16
14
12
10
8
6
4
2
0
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 10. Power Dissipation (Per Leg)
24
6
8
10
12
14
16
20
dc
TJ = 150°C
100
°C
25
°C
TJ = 150°C
100
°C
25
°C
SQUARE WAVE
RATED VOLTAGE APPLIED
RqJA = 15°C/W AS OBTAINED
USING A SMALL FINNED
HEAT SINK.
SQUARE WAVE
dc
dc
RqJA = 40°C/W
AS OBTAINED IN FREE AIR
WITH NO HEAT SINK.
SQUARE WAVE
20
40
60
80
100
(RESISTIVE-INDUCTIVE LOAD)
IPK
IAV
=
π
TJ = 125°C
SQUARE WAVE
10
(CAPACITIVE LOAD)
IPK
IAV
= 5


Similar Part No. - MUR3060PT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR3060PT MOTOROLA-MUR3060PT Datasheet
99Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
logo
Thinki Semiconductor Co...
MUR3060PT THINKISEMI-MUR3060PT Datasheet
721Kb / 2P
30.0 Ampere Dual Common Cathode Ultra Fast Recovery Rectifiers
MUR3060PT THINKISEMI-MUR3060PT Datasheet
418Kb / 2P
30.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
logo
Intersil Corporation
MUR3060PT INTERSIL-MUR3060PT Datasheet
32Kb / 3P
15A, 400V - 600V Ultrafast Dual Diodes
logo
Digitron Semiconductors
MUR3060PT DIGITRON-MUR3060PT Datasheet
342Kb / 5P
30A ULTRAFAST RECTIFIER
More results

Similar Description - MUR3060PT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
logo
ON Semiconductor
MURP20020CT ONSEMI-MURP20020CT_06 Datasheet
115Kb / 3P
ULTRAFAST RECTIFIERS 200 AMPERES, 200??00 VOLTS
September, 2006 ??Rev. 6
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com